Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48-5-SB-R-WH-B-05 Datasheet (PDF) - ITWSwitches

48-5-SB-R-WH-B-05 Datasheet PDF - ITWSwitches
Part # 48-5-SB-R-WH-B-05
Download  48-5-SB-R-WH-B-05 Download
File Size   908.92 Kbytes
Page   2 Pages
Manufacturer  ITWSWITCHES [ITWSwitches]
Direct Link  https://www.itwswitches.com/
Logo ITWSWITCHES - ITWSwitches
Description SERIES 48 - 12MM MINIATURE SEALED ELECTRO-MECHANICAL

48-5-SB-R-WH-B-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
48-5-SB-R-WH-B-05 Datasheet PDF - ITWSwitches

Part # 48-5-SB-R-WH-B-05
Download  48-5-SB-R-WH-B-05 Click to download

File Size   908.92 Kbytes
Page   2 Pages
Manufacturer  ITWSWITCHES [ITWSwitches]
Direct Link  https://www.itwswitches.com/
Logo ITWSWITCHES - ITWSwitches
Description SERIES 48 - 12MM MINIATURE SEALED ELECTRO-MECHANICAL

48-5-SB-R-WH-B-05 Datasheet (HTML) - ITWSwitches


48-5-SB-R-WH-B-05 Product details

Applications:
• Office equipment
• Medical equipment
• Industrial machinery
• Outdoor controls
• Mass transportation
• Food processing equipment

Key Features:
• Momentary or Maintained action
• Gold contacts
• Seven button colors
• Choice of LED colors (or non-illuminated versions)
• Solder or PC terminals
• Panel sealed to IP67 (Threaded Bush)
• Plastic bezel/ housing
• Raised button
• Snap action (see SA12 series)




Similar Part No. - 48-5-SB-R-WH-B-05

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
48-0051-00 ZILOG-48-0051-00 Datasheet
1Mb / 30P
Factory-default operating clock frequency at 50 MHz
48-1013-01 ZILOG-48-1013-01 Datasheet
1Mb / 30P
Factory-default operating clock frequency at 50 MHz
logo
OEN India Limited
48-12-2AE OENINDIA-48-12-2AE Datasheet
135Kb / 1P
MINIATURE POWER RELAY
48-12-2CE OENINDIA-48-12-2CE Datasheet
135Kb / 1P
MINIATURE POWER RELAY
logo
Huber+Suhner, Inc.
48-12____ZN_SNH-___20B HUBERSUHNER-48-12____ZN_SNH-___20B Datasheet
297Kb / 2P
Optipack Breakout 4 x 2.0mm LSFH Ø 6.6mm B2ca
More results


Similar Description - 48-5-SB-R-WH-B-05

ManufacturerPart #DatasheetDescription
logo
SICK AG
I110-PA223 SICK-I110-PA223 Datasheet
253Kb / 5P
ELECTRO-MECHANICAL SAFETY SWITCHES
I110-RA313 SICK-I110-RA313 Datasheet
250Kb / 5P
ELECTRO-MECHANICAL SAFETY SWITCHES
I12-SA203 SICK-I12-SA203 Datasheet
297Kb / 7P
ELECTRO-MECHANICAL SAFETY SWITCHES
I12-SB215 SICK-I12-SB215 Datasheet
325Kb / 7P
ELECTRO-MECHANICAL SAFETY SWITCHES
I16-SA205 SICK-I16-SA205 Datasheet
387Kb / 6P
ELECTRO-MECHANICAL SAFETY SWITCHES
I110-SA313 SICK-I110-SA313 Datasheet
244Kb / 7P
ELECTRO-MECHANICAL SAFETY SWITCHES
logo
DB Unlimited.
TE034003-1 DBUNLIMITED-TE034003-1 Datasheet
133Kb / 1P
Electro-Mechanical Transducer
11/12/2019
TE044003-4 DBUNLIMITED-TE044003-4 Datasheet
129Kb / 1P
Electro-Mechanical Transducer
7/22/2019
TE054003-6 DBUNLIMITED-TE054003-6 Datasheet
136Kb / 1P
Electro-Mechanical Transducer
3/21/2022
TE084005-2 DBUNLIMITED-TE084005-2 Datasheet
193Kb / 1P
Electro-Mechanical Transducer
5/21/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com