Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2853 Datasheet (PDF) - Adafruit Industries

2853 Datasheet PDF - Adafruit Industries
Part # 2853
Download  2853 Download
File Size   88.38 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NeoPixel Ring - 12 x 5050 RGBW LEDs w/ Integrated Drivers - Cool White - ~6000K

2853 Datasheet (PDF)

Go To PDF Page Download Datasheet
2853 Datasheet PDF - Adafruit Industries

Part # 2853
Download  2853 Click to download

File Size   88.38 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NeoPixel Ring - 12 x 5050 RGBW LEDs w/ Integrated Drivers - Cool White - ~6000K

2853 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 2853

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2853 KR-2853 Datasheet
49Kb / 2P
10.75 MHz bandpass filter
logo
Heyco.
2853 HEYCO-2853 Datasheet
102Kb / 1P
Shorty Bushings
2853 HEYCO-2853 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
Alpha Wire
2853/1 ALPHAWIRE-2853/1 Datasheet
98Kb / 4P
Customer Specification
2/16/2023
logo
List of Unclassifed Man...
28530 ETC2-28530 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
More results


Similar Description - 2853

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OST10WG15RC-W44LS1C1A OPTOSUPPLY-OST10WG15RC-W44LS1C1A Datasheet
64Kb / 1P
T10 Cool White 15SMD
logo
LUMEX INC.
SML-LX4747UWC-TR10 LUMEX-SML-LX4747UWC-TR10 Datasheet
356Kb / 4P
12mm x 12mm SURFACE MOUNT LED, COOL WHITE
SSP-LB12UW024K03 LUMEX-SSP-LB12UW024K03 Datasheet
475Kb / 2P
LED LIGHT BAR, 12", COOL WHITE, 24V D.C.
SSP-LB12UW024K05 LUMEX-SSP-LB12UW024K05 Datasheet
467Kb / 2P
LED LIGHT BAR, 12", COOL WHITE, 24V D.C.
SSP-LB24UW024K07 LUMEX-SSP-LB24UW024K07 Datasheet
473Kb / 2P
LED LIGHT BAR, 12", COOL WHITE, 24V D.C.
logo
OptoSupply Internationa...
OSW5DK5111A-1MA OPTOSUPPLY-OSW5DK5111A-1MA Datasheet
109Kb / 1P
5mm Round Cool White LED
logo
LUMEX INC.
SML-LX4747UWCATR10 LUMEX-SML-LX4747UWCATR10 Datasheet
379Kb / 4P
12mm x 12mm SURFACE MOUNT LED, COOL WHITE
logo
Inolux Corporation
IN-PI55QATPRPGPBPW-XX INOLUX-IN-PI55QATPRPGPBPW-XX Datasheet
1Mb / 17P
5050 RGBW LED 4-Pin with Integrated IC
logo
Cree, Inc
JQ5050 CREE-JQ5050 Datasheet
4Mb / 26P
Cree짰 J Series??5050 9?멫 LEDs
logo
SparkFun Electronics
PRT-14502 SPARKFUN-PRT-14502 Datasheet
137Kb / 1P
Fairy Lights ??Cool White (2.5m)
11??0??7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com