Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGE02 Datasheet (PDF) - BeRex Corporation

BGE02 Datasheet PDF - BeRex Corporation
Part # BGE02
Download  BGE02 Download
File Size   1442.93 Kbytes
Page   15 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 30-4000 MHz BROADBAND AMPLIFIER

BGE02 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGE02 Datasheet PDF - BeRex Corporation

Part # BGE02
Download  BGE02 Click to download

File Size   1442.93 Kbytes
Page   15 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 30-4000 MHz BROADBAND AMPLIFIER

BGE02 Datasheet (HTML) - BeRex Corporation


BGE02 Product details

Device Features
• Single Fixed 3.3V Supply
• Gain = 17.4dB @ 3.5GHz
• Gain Flatness < 1dB @ 3~4GHz
• Output P1 dB = 17.7 dBm @ 3.5GHz
• OIP3 = 34.5dBm @ 3.5GHz
• Internally matched to 50 ohms
• RoHS2-compliant SOT-363 SMT package

Product Description
The BGE02 is a BroadBand, GaAs E-pHEMT Amplifier that is ideal for applications demanding high linearity in a wideband of 30-4000 MHz. The BGE02 is internally matched to 50 Ohms and requires no external matching components. It is available in RoHS2-compliant SOT-363 SMT package. These devices are 100% DC and RF tested to assure quality and performance.

Applications
• Repeaters
• Mobile Infrastructure
• LTE / WCDMA / EDGE / CDMA /5G NR / WIFI
• General Purpose Wireless




Similar Part No. - BGE02

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
BGE.0M.200.AZ LEMO-BGE.0M.200.AZ Datasheet
6Mb / 140P
M SERIES CONNECTORS RATCHET COUPLING
BGE.0M.200.XAZ LEMO-BGE.0M.200.XAZ Datasheet
68Kb / 3P
M - Rugged Ratchet coupling
BGE.1M.200.AZ LEMO-BGE.1M.200.AZ Datasheet
6Mb / 140P
M SERIES CONNECTORS RATCHET COUPLING
BGE.1M.200.XAZ LEMO-BGE.1M.200.XAZ Datasheet
68Kb / 3P
M - Rugged Ratchet coupling
BGE.2M.200.AZ LEMO-BGE.2M.200.AZ Datasheet
6Mb / 140P
M SERIES CONNECTORS RATCHET COUPLING
More results


Similar Description - BGE02

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWG0015 ASB-AWG0015 Datasheet
638Kb / 15P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG0023 ASB-AWG0023 Datasheet
582Kb / 13P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG0115 ASB-AWG0115 Datasheet
588Kb / 13P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG0120 ASB-AWG0120 Datasheet
584Kb / 13P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
logo
BeRex Corporation
BVA303 BEREX-BVA303 Datasheet
3Mb / 15P
30-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
logo
Advanced Semiconductor ...
AWG0015E ASB-AWG0015E Datasheet
665Kb / 15P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG0020E ASB-AWG0020E Datasheet
690Kb / 15P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG0023E ASB-AWG0023E Datasheet
601Kb / 13P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG0117E ASB-AWG0117E Datasheet
605Kb / 13P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG0120E ASB-AWG0120E Datasheet
637Kb / 13P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com