Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGH5 Datasheet (PDF) - BeRex Corporation

BGH5 Datasheet PDF - BeRex Corporation
Part # BGH5
Download  BGH5 Download
File Size   1151.49 Kbytes
Page   15 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 40-6000 MHz BROADBAND AMPLIFIER

BGH5 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGH5 Datasheet PDF - BeRex Corporation

Part # BGH5
Download  BGH5 Click to download

File Size   1151.49 Kbytes
Page   15 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 40-6000 MHz BROADBAND AMPLIFIER

BGH5 Datasheet (HTML) - BeRex Corporation


BGH5 Product details

Product Description
The BGH5 is a BroadBand, HBT Amplifier that is ideal for applications demanding high linearity in a wideband of 40-6000 MHz. The BGH5 is internally matched to 50 Ohms and requires no external matching components. It is available in RoHS2-compliant SOT363 SMT package. These devices are 100% DC and RF tested to assure quality and performance.

Applications
• Mobile Infrastructure
• LTE / WCDMA / EDGE / 5G NR / WIFI
• General Purpose Wireless
• Military wireless system

Device Features
• Single Fixed 3.3V supply
• Gain = 14.0 dB @ 3500MHz
• Output P1 dB = 14.0 dBm @ 3500MHz
• 5G NR ACLR = 2.5 dBm @ 3500MHz
• Internally matched to 50 ohms
• RoHS2-compliant SOT-363 SMT package




Similar Part No. - BGH5

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
BGH50N65HF1 BASICSEMI-BGH50N65HF1 Datasheet
2Mb / 13P
Hybrid SiC Discrete Devices
Rev. 0.1
BGH50N65HS1 BASICSEMI-BGH50N65HS1 Datasheet
2Mb / 12P
Hybrid SiC Discrete Devices
Rev. 0.1
BGH50N65ZF1 BASICSEMI-BGH50N65ZF1 Datasheet
2Mb / 12P
Hybrid SiC Discrete Devices
Rev. 0.1
More results


Similar Description - BGH5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FM-106 MACOM-FM-106 Datasheet
193Kb / 2P
Broadband Frequency Doubler, 400 - 6000 MHz Output
logo
Micronetics, Inc.
NMA2514-2T MICRONETICS-NMA2514-2T Datasheet
335Kb / 2P
High Power Broadband Noise Sources 100 MHz to 6000 MHz
logo
Advanced Semiconductor ...
ASW208 ASB-ASW208 Datasheet
697Kb / 11P
5-6000 MHz MMIC Amplifier
August 2012
logo
Teledyne Technologies I...
A2CP6008 TELEDYNE-A2CP6008 Datasheet
109Kb / 1P
2000-6000 MHz COUGARPAK ??AMPLIFIER
TSA-213245 TELEDYNE-TSA-213245 Datasheet
173Kb / 2P
2000 TO 6000 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02_18 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
logo
Skyworks Solutions Inc.
SKYA21051 SKYWORKS-SKYA21051 Datasheet
4Mb / 22P
200 to 6000 MHz Broadband Low-Noise Amplifier
SKY67183-396LF SKYWORKS-SKY67183-396LF Datasheet
2Mb / 14P
400 to 6000 MHz Broadband Low-Noise Amplifier
January 9, 2020
SKY67189-396LF SKYWORKS-SKY67189-396LF Datasheet
913Kb / 10P
400 to 6000 MHz Broadband Low-Noise Amplifier
February 21, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com