Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGH7 Datasheet (PDF) - BeRex Corporation

BGH7 Datasheet PDF - BeRex Corporation
Part # BGH7
Download  BGH7 Download
File Size   3186.52 Kbytes
Page   16 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 10-4200 MHz BROADBAND AMPLIFIER

BGH7 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGH7 Datasheet PDF - BeRex Corporation

Part # BGH7
Download  BGH7 Click to download

File Size   3186.52 Kbytes
Page   16 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 10-4200 MHz BROADBAND AMPLIFIER

BGH7 Datasheet (HTML) - BeRex Corporation


BGH7 Product details

Product Description
The BGH7 is a BroadBand, HBT Amplifier that is ideal for applications demanding high linearity in a wideband of 10-4200 MHz. The BGH7 is internally matched to 50 Ohms and requires no external matching components. It is available in RoHS2-compliant SOT363 SMT package. These devices are 100% DC and RF tested to assure quality and performance.

Applications
• Mobile Infrastructure
• LTE / WCDMA / EDGE / 5G NR / WIFI
• General Purpose Wireless

Device Features
• Single Fixed 3.3V supply
• Gain = 13.4 dB @ 850MHz
• Output IP3 = 32.3 dBm @ 850MHz
• 5G NR ACLR = 5.3 dBm @ 850MHz
• Internally matched to 50 ohms
• RoHS2-compliant SOT-363 SMT package




Similar Part No. - BGH7

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
BGH75N120HF1 BASICSEMI-BGH75N120HF1 Datasheet
1Mb / 12P
Hybrid SiC Discrete Devices
Rev. 0.3
BGH75N65HF1 BASICSEMI-BGH75N65HF1 Datasheet
2Mb / 12P
Hybrid SiC Discrete Devices
Rev. 0.1
BGH75N65HS1 BASICSEMI-BGH75N65HS1 Datasheet
1Mb / 12P
Hybrid SiC Discrete Devices
Rev. 0.0
BGH75N65ZF1 BASICSEMI-BGH75N65ZF1 Datasheet
2Mb / 13P
Hybrid SiC Discrete Devices
Rev. 0.1
More results


Similar Description - BGH7

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2306 MIMIX-CMM2306 Datasheet
827Kb / 4P
800-2700 MHz Broadband Driver Amplifier
logo
Tyco Electronics
MAAMSS0014 MACOM-MAAMSS0014 Datasheet
240Kb / 5P
Broadband Driver Amplifier 500 - 2400 MHz
MAAMSS0031 MACOM-MAAMSS0031 Datasheet
273Kb / 6P
Broadband CATV Amplifier, 50 - 1000 MHz
MAAMSS0042 MACOM-MAAMSS0042 Datasheet
157Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
logo
Mini-Circuits
ZFBT-4R2G-FT MINI-ZFBT-4R2G-FT Datasheet
128Kb / 1P
Wideband 10 to 4200 MHz
logo
M/A-COM Technology Solu...
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
169Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAM-007807 MA-COM-MAAM-007807 Datasheet
163Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
logo
Texas Instruments
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_17 Datasheet
1Mb / 28P
10-MHz, Low Broadband Noise, RRO, Operational Amplifier
logo
Marki Microwave
BT-0026 MARKIMICROWAVE-BT-0026 Datasheet
586Kb / 4P
Broadband: 10 MHz to 26 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com