Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU8111 Datasheet (PDF) - Texas Instruments

TSU8111 Datasheet PDF - Texas Instruments
Part # TSU8111
Download  TSU8111 Download
File Size   677.74 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSU8111 Dual SP2T USB 2.0 High Speed Switch with Single Cell Charger

TSU8111 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSU8111 Datasheet PDF - Texas Instruments

Part # TSU8111
Download  TSU8111 Click to download

File Size   677.74 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSU8111 Dual SP2T USB 2.0 High Speed Switch with Single Cell Charger

TSU8111 Datasheet (HTML) - Texas Instruments


TSU8111 Product details

1 Features
1• Dual Single-Pole Double-Throw (SP2T) USB 2.0
High Speed Switch
– UART Path Supports either UART or USB 2.0
High Speed Signals
• Integrated Single-Cell Charger
– Integrated Low Dropout Linear Regulator
(LDO)
– 1% Charge Voltage Regulation Accuracy
– 8% Charge Current Accuracy
– Programmable Charging Current Limit up to
950 mA for Wall Adapters
• USB Battery Charging Specification v1.1 (BCv1.1)
Compliant Charger Detection
– VBUS Detection
– Data Contact Detection
– Primary and Secondary Detection
– USB Chargers (DCP, CDP, SDP) Supported
• 5-bit Accessory Detection on ID pin
– Automatic Switching by Accessory Type
• I2C Interface
– Manual Switching Capability
– Interrupts Generated for Attach and Detach
– Supports Control Signals Used in
Manufacturing (JIG, BOOT)
• 28-V Tolerance on VBUS Pin With Overvoltage
Protection
• Thermal Regulation and Thermal Shutdown for
Output Current Control
• JESD 22 ESD Performance
– 12-kV Human Body Model
(VBUS/DP_CON/DM_CON/ID_CON)
– 2-kV Human Body Model (All Other Pins)
• IEC ESD Performance
– ±4-kV Contact Discharge (IEC 61000-4-2)
(VBUS/DP_CON/DM_CON/ID_CON to GND)
• Surge Protection on
VBUS/DP_CON/DM_CON/ID_CON to GND
– Protects USB Connector Pins Without External
Components

2 Applications
• Mobile Phones
• Netbooks/Notebooks
• Tables
• Portable Handheld Devices

3 Description
The TSU8111 is a dual single-pole double-throw
(SP2T) micro-USB switch with an integrated linear
charger. The integrated charger eliminates the need for an external charger IC, reducing cost and board
space. The device operates from either a USB port or
dedicated charger and supports charging currents of
up to 950 mA. Power for the device is supplied
through VBAT or through VBUS when attached. The
TSU8111 detects BCv1.1-compatible chargers as
well as accessories that use an ID resistor. The USB
switch matrix can be controlled either by automatic
detection or manually through I2C.




Similar Part No. - TSU8111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSU8111 TI-TSU8111 Datasheet
184Kb / 6P
SINGLE CELL CHARGER AND USB SP2T SWITCH SUPPORT USB AND UART
TSU8111YFPR TI-TSU8111YFPR Datasheet
184Kb / 6P
SINGLE CELL CHARGER AND USB SP2T SWITCH SUPPORT USB AND UART
More results


Similar Description - TSU8111

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3DV221 PHILIPS-NX3DV221 Datasheet
1Mb / 18P
High-speed USB 2.0 switch with enable
Rev. 2-9 November 2011
NX3DV221 NXP-NX3DV221 Datasheet
1Mb / 18P
High-speed USB 2.0 switch with enable
Rev. 2-9 November 2011
logo
Texas Instruments
TSU8111 TI-TSU8111 Datasheet
184Kb / 6P
SINGLE CELL CHARGER AND USB SP2T SWITCH SUPPORT USB AND UART
logo
Fairchild Semiconductor
FSA832 FAIRCHILD-FSA832 Datasheet
768Kb / 3P
USB 2.0 High-Speed (480 Mbps) Charger Detection IC with Isolation Switch
logo
Microchip Technology
USB3740B MICROCHIP-USB3740B Datasheet
197Kb / 19P
High Speed USB 2.0 Switch with ESD Protection
01/27/15
logo
Texas Instruments
BQ24392 TI1-BQ24392_16 Datasheet
992Kb / 22P
Dual SPST USB 2.0 High Speed Switch
BQ24392-Q1 TI1-BQ24392-Q1_16 Datasheet
992Kb / 22P
Dual SPST USB 2.0 High Speed Switch
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_11 Datasheet
205Kb / 11P
High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
FSA832 ONSEMI-FSA832 Datasheet
397Kb / 11P
USB 2.0 High-Speed Charger Detection IC with Isolation Switch
August 2014 Rev. 1.0.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com