Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2077A Datasheet (PDF) - Texas Instruments

TUSB2077A Datasheet PDF - Texas Instruments
Part # TUSB2077A
Download  TUSB2077A Download
File Size   652.43 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB2077A 7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface

TUSB2077A Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB2077A Datasheet PDF - Texas Instruments

Part # TUSB2077A
Download  TUSB2077A Click to download

File Size   652.43 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB2077A 7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface

TUSB2077A Datasheet (HTML) - Texas Instruments


TUSB2077A Product details

1 Features
1• Fully Compliant With the USB Specification as a
Full-Speed Hub: TID #20240226
• Integrated USB Transceivers
• 3.3-V Low-Power ASIC Logic
• Two Power Source Modes
– Self-Powered Mode Supporting Seven
Downstream Ports
– Bus-Powered Mode Supporting Four
Downstream Ports
• All Downstream Ports Support Full-Speed and
Low-Speed Operations
• Power Switching and Overcurrent Reporting Is
Provided Ganged or Per Port
• Supports Suspend and Resume Operations
• Suspend Status Pin Available for External Logic
Power Down
• Supports Custom Vendor ID and Product ID With
External Serial EEPROM
• 3-State EEPROM Interface Allows EEPROM
Sharing
• Push-Pull Outputs for PWRON Eliminate the Need
for External Pullup Resistors
• Noise Filtering on OVRCUR Provides Immunity to
Voltage Spikes
• Supports 6-MHz Operation Through a Crystal
Input or a 48-MHz Input Clock
• New Functional Pins Introduced to Reduce the
Board Material Cost
– 3 LED Indicator Control Outputs Enable
Visualized Monitoring of 6 Different Hub/Port
Status (HUBCFG, PORTPWR, PORTDIS)
– Output Pin Available to Disable External Pullup
Resistor on DP0 for 15 ms After Reset or After
Change on BUSPWR and Enable Easy
Implementation of Onboard Bus/Self-Power
Dynamic Switching Circuitry
• No Special Driver Requirements; Works
Seamlessly With Any Operating System With USB
Stack Support
• Available in 48-Pin LQFP Package
• JEDEC Descriptor S−PQFP−G for Low-Profile
Quad Flatpack (LQFP).

2 Applications
• Computer Systems
• Docking Stations

3 Description
The TUSB2077A hub is a 3.3-V CMOS device that
provides up to seven downstream ports in compliance
with the USB 2.0 specification. Because this device is
implemented with a digital state machine instead of a
microcontroller, no software programming is required.
Fully compliant USB transceivers are integrated into
the ASIC for all upstream and downstream ports. The
downstream ports support full-speed and low-speed devices by automatically setting the slew rate
according to the speed of the device attached to the
ports. The configuration of the BUSPWR terminal
selects either the bus-powered or self-powered mode.
The introduction of the DP0 pull-up resistor disable
terminal, DP0PUR, makes it much easier to implement an onboard bus/self-power dynamic-
switching circuitry. The three-LED indicator control
output pins also enable the implementation of
visualized status monitoring of the hub and its
downstream ports. With these new function pins, the
end equipment vendor can considerably reduce the total board cost while adding additional product value.




Similar Part No. - TUSB2077A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI1-TUSB2077A Datasheet
977Kb / 26P
TUSB2077A 7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077A TI1-TUSB2077A Datasheet
975Kb / 26P
7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077APT TI-TUSB2077APT Datasheet
242Kb / 16P
7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077APT TI1-TUSB2077APT Datasheet
977Kb / 26P
TUSB2077A 7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results


Similar Description - TUSB2077A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI-TUSB2046B Datasheet
323Kb / 21P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B-Q1 TI1-TUSB2046B-Q1 Datasheet
997Kb / 22P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI1-TUSB2077A_15 Datasheet
977Kb / 26P
TUSB2077A 7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2046B TI1-TUSB2046B_17 Datasheet
1Mb / 29P
4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com