Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2551 Datasheet (PDF) - Texas Instruments

TUSB2551 Datasheet PDF - Texas Instruments
Part # TUSB2551
Download  TUSB2551 Download
File Size   385.01 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER

TUSB2551 Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB2551 Datasheet PDF - Texas Instruments

Part # TUSB2551
Download  TUSB2551 Click to download

File Size   385.01 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER

TUSB2551 Datasheet (HTML) - Texas Instruments


TUSB2551 Product details

1FEATURES
· Complies With Universal Serial Bus
Specification Rev. 2.0 (USB 2.0)
· Transmits and Receives Serial Data at Both
Full-Speed (12-Mbit/s) and Low-Speed
(1.5-Mbit/s) Data Rates
· Integrated Bypassable 5-V to 3.3-V Voltage
Regulator for Powering Via USB VBUS
· Low-Power Operation, Ideal for Portable
Equipment
· Meets the IEC-61000-4-2 Contact (±9KV) and
Air-gap (±9KV) ESD Ratings
· Separate I/O Supply With Operation Down to
1.65 V
· Very-Low Power Consumption to Meet USB
Suspend Current Requirements
· No Power-Supply Sequencing Requirements

APPLICATIONS
· Cellular Phones
· Personal Digital Assistants (PDAs)
· Handheld Computers

DESCRIPTION/ORDERING INFORMATION
TUSB2551 is a single-chip transceiver that complies with the physical-layer specifications of universal serial
(USB) 2.0. The device supports both full-speed (12-Mbit/s) and low-speed (1.5-Mbit/s) operation. The
TUSB2551 delivers superior edge rate control, producing crisper eye diagrams, which ease the task of passing
USB compliance testing.
dual supply-voltage operation allows the TUSB2551 to reference the system interface I/O signals to a supply
voltage down to 1.6 V, while independently powered by the USB VCC(5.0). This allows the system interface to
operate at its core voltage without the addition of buffering logic, and also reduce system operating current.




Similar Part No. - TUSB2551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551 TI-TUSB2551 Datasheet
652Kb / 20P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551A TI-TUSB2551A Datasheet
834Kb / 20P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551APW TI-TUSB2551APW Datasheet
834Kb / 20P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551APWR TI-TUSB2551APWR Datasheet
834Kb / 20P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
More results


Similar Description - TUSB2551

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1107 PHILIPS-ISP1107 Datasheet
536Kb / 19P
Advanced Universal Serial Bus transceiver
Rev. 01-23 February 2000
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
Universal Serial Bus Transceiver
1999 Jun 04
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
Universal Serial Bus Transceiver
logo
NXP Semiconductors
ISP1104 PHILIPS-ISP1104 Datasheet
494Kb / 19P
Advanced Universal Serial Bus transceiver
Rev. 02-14 October 2003
ISP1102 PHILIPS-ISP1102 Datasheet
533Kb / 23P
Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
logo
Texas Instruments
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551A TI-TUSB2551A Datasheet
834Kb / 20P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551 TI-TUSB2551_10 Datasheet
652Kb / 20P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
logo
NXP Semiconductors
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com