Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB9261 Datasheet (PDF) - Texas Instruments

TUSB9261 Datasheet PDF - Texas Instruments
Part # TUSB9261
Download  TUSB9261 Download
File Size   690.81 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB9261 USB 3.0 to SATA Bridge

TUSB9261 Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB9261 Datasheet PDF - Texas Instruments

Part # TUSB9261
Download  TUSB9261 Click to download

File Size   690.81 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB9261 USB 3.0 to SATA Bridge

TUSB9261 Datasheet (HTML) - Texas Instruments


TUSB9261 Product details

1 Features
1• Universal Serial Bus (USB)
– SuperSpeed USB 3.0 Compliant – TID
340730020
– Integrated Transceiver Supports SS/HS/FS
Signaling
– Best-in-Class Adaptive Equalizer
– Allows for Greater Jitter Tolerance in the
Receiver
– USB Class Support
– USB Attached SCSI Protocol (UASP)
– USB Mass Storage Class Bulk-Only
Transport (BOT)
– Support for Error Conditions Per the 13
Cases (Defined in the BOT Specification)
– USB Bootability Support
– USB Human Interface Device (HID)
– Supports Firmware Update Via USB, Using a
TI Provided Application
• SATA Interface
– Serial ATA Specification Revision 2.6
– Gen1i, Gen1m, Gen2i, and Gen2m
– Support for Mass-Storage Devices Compatible
With the ATA/ATAPI-8 Specification
• Integrated ARM Cortex M3 Core
– Customizable Application Code Loaded from
EEPROM by SPI Interface
– Two Additional SPI Port Chip Selects for
Peripheral Connection
– Up to 12 GPIOs for End-User Configuration
– Two GPIOs have PWM Functionality for
LED Blink Speed Control
– Serial Communications Interface for Debug
(UART)
• General Features
– Integrated Spread Spectrum Clock Generation
Enables Operation from a Single Low-Cost
Crystal or Clock Oscillator
– Supports 40 MHz
– A JTAG Interface is Used for IEEE1149.1 and
IEEE1149.6 Boundary Scan
– Available in a Fully RoHS-Compliant Package

2 Applications
• External HDD/SSD
• External DVD
• External CD
• HDD-Based Portable Media Player

3 Description
The TUSB9261 is an ARM® Cortex® M3
microcontroller based USB 3.0 to serial ATA bridge. It
provides the necessary hardware and firmware to
implement a USB attached SCSI protocol (UASP)-
compliant mass storage device suitable for bridging
hard disk drives (HDD), solid state disk drives (SSD),
optical drives, and other compatible SATA 1.5-Gbps
or SATA 3.0-Gbps devices to a USB 3.0 bus. In
addition to UASP support, the firmware implements
the mass storage class BOT and USB HID interfaces.




Similar Part No. - TUSB9261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB9261 TI-TUSB9261 Datasheet
259Kb / 24P
USB 3.0 TO SATA BRIDGE
TUSB9261 TI2-TUSB9261 Datasheet
697Kb / 29P
TUSB9261 USB 3.0 to SATA Bridge
REVISED MARCH 2016
TUSB9261-Q1 TI1-TUSB9261-Q1 Datasheet
934Kb / 24P
USB 3.0 TO SATA BRIDGE
TUSB9261-Q1 TI2-TUSB9261-Q1 Datasheet
697Kb / 29P
TUSB9261 USB 3.0 to SATA Bridge
REVISED MARCH 2016
TUSB9261IPAPQ1 TI1-TUSB9261IPAPQ1 Datasheet
934Kb / 24P
USB 3.0 TO SATA BRIDGE
More results


Similar Description - TUSB9261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB9260 TI-TUSB9260 Datasheet
95Kb / 13P
USB 3.0 TO SATA BRIDGE Data Manual
TUSB9260 TI-TUSB9260_10 Datasheet
154Kb / 21P
USB 3.0 TO SATA BRIDGE
TUSB9260_101 TI-TUSB9260_101 Datasheet
181Kb / 21P
USB 3.0 TO SATA BRIDGE
logo
fujitsu semiconductor
MB86C31 FUJITSU-MB86C31 Datasheet
914Kb / 2P
USB 3.0-SATA Bridge IC
logo
Texas Instruments
TUSB9261 TI-TUSB9261 Datasheet
259Kb / 24P
USB 3.0 TO SATA BRIDGE
logo
GENESYS LOGIC
GL3321G GENESYS-GL3321G Datasheet
144Kb / 5P
USB 3.0 to SATA 6Gb/s Bridge Controller Product Overview
logo
Texas Instruments
TUSB9261IPVP TI1-TUSB9261IPVP Datasheet
247Kb / 25P
USB 3.0 TO SATA BRIDGE
logo
List of Unclassifed Man...
PL2775 ETC2-PL2775 Datasheet
174Kb / 1P
SuperSpeed USB 3.0 to Dual SATA Bridge Controller
logo
Texas Instruments
TUSB9261-Q1 TI1-TUSB9261-Q1 Datasheet
934Kb / 24P
USB 3.0 TO SATA BRIDGE
logo
Prolific Technology Inc...
PL2775 PROLIFIC-PL2775 Datasheet
174Kb / 1P
SuperSpeed USB 3.0 to Dual SATA Bridge Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com