Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLLS962D Datasheet (PDF) - Texas Instruments

SLLS962D Datasheet PDF - Texas Instruments
Part # SLLS962D
Download  SLLS962D Download
File Size   404.86 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description USB 3.0 TO SATA BRIDGE

SLLS962D Datasheet (PDF)

Go To PDF Page Download Datasheet
SLLS962D Datasheet PDF - Texas Instruments

Part # SLLS962D
Download  SLLS962D Click to download

File Size   404.86 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description USB 3.0 TO SATA BRIDGE

SLLS962D Datasheet (HTML) - Texas Instruments


SLLS962D Product details

1.1 TUSB9260 Features
1• Universal Serial Bus (USB)
– SuperSpeed USB 3.0 Compliant - TID 340000007
• Integrated Transceiver Supports SS/HS/FS Signaling
– Best in Class Adaptive Equalizer
• Allows for Greater Jitter Tolerance in the Receiver
– USB Class Support
• USB Attached SCSI Protocol (UASP)
• USB Mass Storage Class Bulk-Only Transport (BOT)
• Support for Error Conditions Per the 13 Cases (Defined in the BOT Specification)
• USB Bootability Support
• USB Human Interface Device (HID)
– Supports Firmware Update Via USB, Using a TI Provided Application
• SATA Interface
– Serial ATA Specification Revision 2.6
• gen1i, gen1m, gen2i, and gen2m
– Support for Mass-Storage Devices Compatible With the ATA/ATAPI-8 Specification
• Integrated ARM Cortex M3 Core
– Customizable Application Code Loaded From EEPROM Via SPI Interface
– Two Additional SPI Port Chip Selects for Peripheral Connection
– Up to 12 GPIOs for End-User Configuration
• 2 GPIOs Have PWM Functionality for LED Blink Speed Control
– Serial Communications Interface for Debug (UART)
• General Features
– Can Operate from Either a Single Low Cost Crystal or Clock Oscillator
• Supports 40 MHz
– A JTAG Interface is Used for IEEE1149.1 and IEEE1149.6 Boundary Scan
– Available in a Fully RoHS Compliant Package

1.2 Target Applications
• External HDD/SSD
• External DVD
• External CD
• HDD-Based Portable Media Player




Similar Part No. - SLLS962D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLLS093D TI1-SLLS093D Datasheet
782Kb / 19P
DUAL DIFFERENTIAL LINE DRIVERS
SLLS690C TI1-SLLS690C Datasheet
400Kb / 37P
Low-Power Capability
SLLS690C TI-SLLS690C Datasheet
1Mb / 41P
X1 PCI Express Serial Link
SLLSE42I TI2-SLLSE42I Datasheet
374Kb / 31P
USB 3.0 Four Port Hub
Revised September 2013
More results


Similar Description - SLLS962D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB9260 TI-TUSB9260 Datasheet
95Kb / 13P
USB 3.0 TO SATA BRIDGE Data Manual
TUSB9260 TI-TUSB9260_10 Datasheet
154Kb / 21P
USB 3.0 TO SATA BRIDGE
TUSB9260_101 TI-TUSB9260_101 Datasheet
181Kb / 21P
USB 3.0 TO SATA BRIDGE
logo
fujitsu semiconductor
MB86C31 FUJITSU-MB86C31 Datasheet
914Kb / 2P
USB 3.0-SATA Bridge IC
logo
Texas Instruments
TUSB9261 TI-TUSB9261 Datasheet
259Kb / 24P
USB 3.0 TO SATA BRIDGE
logo
GENESYS LOGIC
GL3321G GENESYS-GL3321G Datasheet
144Kb / 5P
USB 3.0 to SATA 6Gb/s Bridge Controller Product Overview
logo
Texas Instruments
TUSB9261IPVP TI1-TUSB9261IPVP Datasheet
247Kb / 25P
USB 3.0 TO SATA BRIDGE
logo
List of Unclassifed Man...
PL2775 ETC2-PL2775 Datasheet
174Kb / 1P
SuperSpeed USB 3.0 to Dual SATA Bridge Controller
logo
Texas Instruments
TUSB9261-Q1 TI1-TUSB9261-Q1 Datasheet
934Kb / 24P
USB 3.0 TO SATA BRIDGE
logo
Prolific Technology Inc...
PL2775 PROLIFIC-PL2775 Datasheet
174Kb / 1P
SuperSpeed USB 3.0 to Dual SATA Bridge Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com