Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVS2201 Datasheet (PDF) - Texas Instruments

TVS2201 Datasheet PDF - Texas Instruments
Part # TVS2201
Download  TVS2201 Download
File Size   726.41 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TVS2201 22-V Bidirectional Flat-Clamp Surge Protection Device

TVS2201 Datasheet (PDF)

Go To PDF Page Download Datasheet
TVS2201 Datasheet PDF - Texas Instruments

Part # TVS2201
Download  TVS2201 Click to download

File Size   726.41 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TVS2201 22-V Bidirectional Flat-Clamp Surge Protection Device

TVS2201 Datasheet (HTML) - Texas Instruments


TVS2201 Product details

1 Features
1• Protection Against 1-kV, 42-Ω IEC 61000-4-5
Surge Test for Industrial Signal Lines
• Bidirectional Polarity Enables Protection Against
Bipolar Signaling or Miswiring Conditions
• Clamping Voltage of 29.6 V at 30 A of 8/20-μs
Surge Current
• Standoff Voltage: ±22 V
• Small 3 mm x 3 mm2 SON Footprint
• Survives Over 5,000 Repetitive Strikes of 30-A,
8/20-μs Surge Current at 125°C
• Robust Surge Protection
– IEC61000-4-5 (8/20 μs): 30 A
– IEC61643-321 (10/1000 μs): 4 A
• Low Leakage Current
– 2-nA Typical at 27°C
– 330-nA Maximum at 85°C
• Low Capacitance: 62 pF
• Integrated Level 4 IEC 61000-4-2 ESD Protection

2 Applications
• Industrial Sensor I/O
• PLC I/O Modules
• Analog Inputs
• Appliances
• Medical Equipment
• USB Type-C VBUS Protection

3 Description
The TVS2201 device shunts up to 30 A of IEC
61000-4-5 fault current to protect systems from highpower
transients or lightning strikes. The device
survives the common industrial signal line EMC
requirement of 1-kV IEC 61000-4-5 open circuit
voltage coupled through a 42-Ω impedance. The
TVS2201 uses a feedback mechanism to ensure
precise flat clamping during a fault, keeping system
exposure lower than traditional TVS diodes. The tight
voltage regulation allows designers to confidently
select system components with a lower voltage
tolerance, lowering system costs and complexity
without sacrificing robustness. The TVS2201 has a
±22-V operating range to enable operation in systems
that require protection against reverse wiring
conditions.
In addition, the TVS2201 is available in a small SON
footprint designed for space constrained applications,
offering a significant size reduction compared to
standard SMA and SMB packages. Low device
leakage and capacitance ensure a minimal effect on
the protected line. To ensure robust protection over
the lifetime of the product, TI tests the TVS2201
against 5000 repetitive surge strikes at 125°C with no
shift in device performance.
The TVS2201 is part of TI's Flat-Clamp family of
surge devices. For a deeper look at the Flat-Clamp
family, refer to the Flat-Clamp Surge Protection
Technology for Efficient System Protection white
paper.




Similar Part No. - TVS2201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVS2201 TI1-TVS2201 Datasheet
366Kb / 15P
22-V Bidirectional Flat-Clamp Surge Protection Device
TVS2201 TI2-TVS2201 Datasheet
712Kb / 21P
TVS0701 7-V Bidirectional Flat-Clamp Surge Protection Device
REVISED DECEMBER 2018
TVS2201 TI2-TVS2201 Datasheet
752Kb / 21P
TVS2701 27-V Bidirectional Flat-Clamp Surge Protection Device
REVISED DECEMBER 2018
TVS2201DRBR TI1-TVS2201DRBR Datasheet
366Kb / 15P
22-V Bidirectional Flat-Clamp Surge Protection Device
More results


Similar Description - TVS2201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVS0500 TI1-TVS0500 Datasheet
1Mb / 22P
5-V Flat-Clamp Surge Protection Device
TVS1400 TI1-TVS1400 Datasheet
1Mb / 18P
14-V Flat-Clamp Surge Protection Device
TVS1800 TI1-TVS1800 Datasheet
1Mb / 18P
18-V Flat-Clamp Surge Protection Device
TVS2200 TI1-TVS2200 Datasheet
1Mb / 18P
22-V Flat-Clamp Surge Protection Device
TVS2700 TI1-TVS2700 Datasheet
1Mb / 18P
27-V Flat-Clamp Surge Protection Device
TVS3301 TI1-TVS3301 Datasheet
436Kb / 15P
33-V Bidirectional Flat-Clamp Surge Protection Device
TVS2201 TI1-TVS2201 Datasheet
366Kb / 15P
22-V Bidirectional Flat-Clamp Surge Protection Device
TVS0701 TI1-TVS0701 Datasheet
366Kb / 15P
7-V Bidirectional Flat-Clamp Surge Protection Device
TVS1401 TI1-TVS1401 Datasheet
362Kb / 15P
14-V Bidirectional Flat-Clamp Surge Protection Device
TVS1801 TI1-TVS1801 Datasheet
367Kb / 15P
18-V Bidirectional Flat-Clamp Surge Protection Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com