Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC2853AD Datasheet (PDF) - Texas Instruments

UC2853AD Datasheet PDF - Texas Instruments
Part # UC2853AD
Download  UC2853AD Download
File Size   559.13 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Power Factor Preregulator

UC2853AD Datasheet (PDF)

Go To PDF Page Download Datasheet
UC2853AD Datasheet PDF - Texas Instruments

Part # UC2853AD
Download  UC2853AD Click to download

File Size   559.13 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Power Factor Preregulator

UC2853AD Datasheet (HTML) - Texas Instruments


UC2853AD Product details

FEATURES
• Complete 8-pin Power Factor
Solution
• Reduced External Components
• RMS Line Voltage Compensation
• Precision Multiplier/Squarer/Divider
• Internal 63kHz Synchronizable
Oscillator
• Average Current Mode PWM
Control
• Overvoltage Protection Comparator
• High Current, Clamped Gate Driver

DESCRIPTION
The UC2853A provides simple, yet high performance active power factor
correction. Using the same control technique as the UC1854, this 8-pin device
exploits a simplified architecture and an internal oscillator to minimize
external component count. The UC2853A incorporates a precision multiplier/
squarer/divider circuit, voltage and current loop error amplifiers, and a
precision voltage reference to implement average current mode control
with RMS line voltage compensation. This control technique maintains constant
loop gain with changes in input voltage, which minimizes input line
current distortion over the worldwide input voltage range.
The internal 63kHz oscillator includes an external clock input, allowing synchronization
to downstream converters. Additionally, the device features an
overvoltage protection comparator, a clamped MOSFET gate driver which
self-biases low during undervoltage lockout, and low startup and supply
current.
The UC2853A is identical to the UC2853 except the internal oscillator frequency
has been reduced from 75kHz to 63kHz. The switching frequency
is lowered in order to keep the second harmonic of the switching frequency
below a 150kHz. For EMI specifications at 150kHz this makes it easier for
a design to meet system requirements.
These devices are available in 8-pin PDIP (P) and SOIC (D) packages. The
UC2853A is specified for operation from –40°C to 105°C.





Similar Part No. - UC2853AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2853AD TI1-UC2853AD Datasheet
854Kb / 9P
High Power Factor Preregulator
UC2853ADG4 TI1-UC2853ADG4 Datasheet
854Kb / 9P
High Power Factor Preregulator
UC2853ADTR TI-UC2853ADTR Datasheet
411Kb / 10P
High Power Factor Preregulator
UC2853ADTR TI1-UC2853ADTR Datasheet
854Kb / 9P
High Power Factor Preregulator
More results


Similar Description - UC2853AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1852 TI-UC1852 Datasheet
210Kb / 6P
High Power-Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
High Power Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
High Power-Factor Preregulator
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
High Power Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
High Power-Factor Preregulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com