Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8551502VA Datasheet (PDF) - Texas Instruments

8551502VA Datasheet PDF - Texas Instruments
Part # 8551502VA
Download  8551502VA Download
File Size   679.42 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Regulating Pulse Width Modulator

8551502VA Datasheet (PDF)

Go To PDF Page Download Datasheet
8551502VA Datasheet PDF - Texas Instruments

Part # 8551502VA
Download  8551502VA Click to download

File Size   679.42 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Regulating Pulse Width Modulator

8551502VA Datasheet (HTML) - Texas Instruments


8551502VA Product details

FEATURES
· Reduced Supply Current
· Oscillator Frequency to 600kHz
· Precision Band-Gap Reference
· 7 to 35V Operation
· Dual 200mA Source/Sink Outputs
· Minimum Output Cross-Conduction
· Double-Pulse Suppression Logic
· Under-Voltage Lockout
· Programmable Soft-Start
· Thermal Shutdown
· TTL/CMOS Compatible Logic Ports
· 5 Volt Operation (VIN = VC = VREF = 5.0V)

DESCRIPTION
The UC1526A Series are improved-performance pulse-width modulator
circuits intended for direct replacement of equivalent non- “A”
versions in all applications. Higher frequency operation has been
enhanced by several significant improvements including: a more accurate
oscillator with less minimum dead time, reduced circuit delays
(particularly in current limiting), and an improved output stage
with negligible cross-conduction current. Additional improvements
include the incorporation of a precision, band-gap reference generator,
reduced overall supply current, and the addition of thermal
shutdown protection.
Along with these improvements, the UC1526A Series retains the
protective features of under-voltage lockout, soft-start, digital current
limiting, double pulse suppression logic, and adjustable
deadtime. For ease of interfacing, all digital control ports are TTL
compatible with active low logic.
Five volt (5V) operation is possible for “logic level” applications by
connecting VIN, VC and VREF to a precision 5V input supply. Consult
factory for additional information.




Similar Part No. - 8551502VA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
8551502VA TI-8551502VA Datasheet
594Kb / 11P
Regulating Pulse Width Modulator
8551502VA TI1-8551502VA Datasheet
606Kb / 12P
Regulating Pulse Width Modulator
More results


Similar Description - 8551502VA

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
Regulating Pulse Width Modulator
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
Regulating Pulse Width Modulator?
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com