Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3853 Datasheet (PDF) - Adafruit Industries

3853 Datasheet PDF - Adafruit Industries
Part # 3853
Download  3853 Download
File Size   632.95 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Convex Glass Lens with Edge - 40mm Diameter

3853 Datasheet (PDF)

Go To PDF Page Download Datasheet
3853 Datasheet PDF - Adafruit Industries

Part # 3853
Download  3853 Click to download

File Size   632.95 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Convex Glass Lens with Edge - 40mm Diameter

3853 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 3853

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
3853 FILTRAN-3853 Datasheet
140Kb / 1P
Audio Line Matching Transformer
logo
Lumberg
3853 LUMBERG-3853 Datasheet
94Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
3853 LUMBERG-3853 Datasheet
326Kb / 4P
Multimodul connectors, pitch 2.5 mm
logo
Heyco.
3853 HEYCO-3853 Datasheet
107Kb / 1P
Locking Releasable Wire Clips
logo
Filtran LTD
3853-1 FILTRAN-3853-1 Datasheet
140Kb / 1P
Audio Line Matching Transformer
More results


Similar Description - 3853

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1H2K KOA-CN1H2K Datasheet
108Kb / 2P
convex termination with square corners resistor array
CN1J4ATTD101J KOA-CN1J4ATTD101J Datasheet
242Kb / 2P
convex termination with scalloped corners resistor array
CN1J4KTTD101J KOA-CN1J4KTTD101J Datasheet
257Kb / 2P
convex termination with square corners resistor array
logo
Lumins Inc.
MA14 LUMINIS-MA14 Datasheet
540Kb / 5P
Clear tempered glass lens.
logo
KOA Speer Electronics, ...
CN-K-N KOA-CN-K-N Datasheet
349Kb / 2P
convex termination with square corners resistor array
logo
Lumins Inc.
SQ605 LUMINIS-SQ605 Datasheet
214Kb / 2P
Clear tempered glass lens
SQ800 LUMINIS-SQ800 Datasheet
167Kb / 2P
Clear tempered glass lens
SQ810 LUMINIS-SQ810 Datasheet
174Kb / 2P
Clear tempered glass lens
OC750 LUMINIS-OC750 Datasheet
526Kb / 3P
Clear tempered glass lens
logo
PUI audio inc.
AS04004PR-R PUIAUDIO-AS04004PR-R Datasheet
885Kb / 3P
40mm diameter speaker with Neodymium magnet for 86 dB sensitivity
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com