Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4040 Datasheet (PDF) - Adafruit Industries

4040 Datasheet PDF - Adafruit Industries
Part # 4040
Download  4040 Download
File Size   438.62 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Diffused Blue Indicator LED - 15mm Square

4040 Datasheet (PDF)

Go To PDF Page Download Datasheet
4040 Datasheet PDF - Adafruit Industries

Part # 4040
Download  4040 Click to download

File Size   438.62 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Diffused Blue Indicator LED - 15mm Square

4040 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 4040

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
4040 SEMTECH-4040 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
logo
Vishay Siliconix
4040 VISHAY-4040 Datasheet
124Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
logo
Kemet Corporation
4040 KEMET-4040 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Laird Tech Smart Techno...
4040 LSTD-4040 Datasheet
578Kb / 2P
Thermal Cycling Durability
4040 LSTD-4040 Datasheet
537Kb / 2P
No sound or vibration
More results


Similar Description - 4040

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL8HD48 SHARP-GL8HD48 Datasheet
100Kb / 4P
3.0X3.0mm, Square Type, Colored Diffusion LED Lamps for Indicator
GL8PR22 SHARP-GL8PR22 Datasheet
78Kb / 4P
5.0X5.0mm, Square Type, Colored Diffusion LED Lamps for Indicator
logo
Chicago Miniature Lamp,...
190BX25X CML-190BX25X Datasheet
411Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel White Diffused Lenses
192BX35X CML-192BX35X Datasheet
409Kb / 1P
LED Indicator 14mm Recessed (Interior) Bezel White Diffused Lenses
logo
LUMEX INC.
LPB-S01115151S LUMEX-LPB-S01115151S Datasheet
44Kb / 1P
15mm SQUARE LIGHT BAR
SSF-LXH303GD LUMEX-SSF-LXH303GD Datasheet
82Kb / 1P
LED FAULT INDICATOR, 565mm GREEN LED, GREEN DIFFUSED LENS
logo
Ningbo Foryard Optoelec...
FYL-5463UBD1E-S2 FORYARD-FYL-5463UBD1E-S2 Datasheet
279Kb / 5P
Blue diffused led
logo
LUMEX INC.
SSF-LXH240SBDYGW LUMEX-SSF-LXH240SBDYGW Datasheet
70Kb / 1P
130mm SUPER BLUE DIFFUSED LED
SSI-LXR1612USBD LUMEX-SSI-LXR1612USBD Datasheet
74Kb / 1P
T-3mm 470mm BLUE DIFFUSED LED PANEL INDICATOR
SSI-LXR1612USBD150 LUMEX-SSI-LXR1612USBD150 Datasheet
124Kb / 1P
T-3mm 470mm BLUE DIFFUSED LED PANEL INDICATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com