Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4851 Datasheet (PDF) - Adafruit Industries

4851 Datasheet PDF - Adafruit Industries
Part # 4851
Download  4851 Download
File Size   139.11 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Flexible LED Strip - 352 LEDs per meter - 1m long - Yellow

4851 Datasheet (PDF)

Go To PDF Page Download Datasheet
4851 Datasheet PDF - Adafruit Industries

Part # 4851
Download  4851 Click to download

File Size   139.11 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Flexible LED Strip - 352 LEDs per meter - 1m long - Yellow

4851 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 4851

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4851 ETC2-4851 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
4851 ETC2-4851 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
logo
Rakon Limited
4851 RAKON-4851 Datasheet
372Kb / 3P
Monolithic Crystal Filter
24 January 2023
logo
Littelfuse
48513 LITTELFUSE-48513 Datasheet
403Kb / 2P
COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
48513-01-BX LITTELFUSE-48513-01-BX Datasheet
403Kb / 2P
COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
More results


Similar Description - 4851

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
LM-FB26Y CML-LM-FB26Y Datasheet
195Kb / 1P
Flexible Bar LED Module - Yellow
logo
Ningbo Foryard Optoelec...
FYSH-3528UWW-66-12VF FORYARD-FYSH-3528UWW-66-12VF Datasheet
134Kb / 4P
Monocolor Flexible SMD LED Strip Specification
logo
OptoSupply Internationa...
OSYYJ23131A OPTOSUPPLY-OSYYJ23131A Datasheet
109Kb / 1P
3mm Round Yellow &Yellow LED High Luminous LEDs Long Lifetime Operation
logo
LUMEX INC.
SSP-CS833S12 LUMEX-SSP-CS833S12 Datasheet
47Kb / 1P
MODULAR STRIP LIGHT, 590mm ALLGaP YELLOW LEDS.
logo
List of Unclassifed Man...
OVQ12S30B7 ETC2-OVQ12S30B7 Datasheet
331Kb / 3P
Flexible LED Light Strip
OVQ12S30R7 ETC2-OVQ12S30R7 Datasheet
331Kb / 3P
Flexible LED Light Strip
logo
TT Electronics.
OPA729W TTELEC-OPA729W Datasheet
517Kb / 2P
10, 1 watt LEDs per strip
OVQ12S30X7 TTELEC-OVQ12S30X7 Datasheet
706Kb / 3P
Flexible LED Light Strip 30 LEDs per strip
QVQ12S30X7 TTELEC-QVQ12S30X7 Datasheet
331Kb / 3P
Flexible LED Light Strip 30 LEDs per strip
logo
SparkFun Electronics
COM-12025 SPARKFUN-COM-12025 Datasheet
218Kb / 1P
LED RGB Strip - Addressable, Bare (1m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com