| Manufacturer | Part # | Datasheet | Description |
 National Semiconductor ... |
LP3982
|
361Kb / 12P |
Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
|
 List of Unclassifed Man... |
AMC8877
|
404Kb / 9P |
LOW NOISE 300mA LOW DROPOUT REGULATOR
|
 Eutech Microelectronics... |
EUP7987
|
218Kb / 11P |
300mA Low-Noise Ultra Low-Dropout CMOS Regulator
|
|
EUP7182
|
174Kb / 7P |
50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
|
 AiT Semiconductor Inc. |
A6300A
|
759Kb / 12P |
LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4 |
|
A6303A
|
1Mb / 15P |
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5 |
|
A6303C
|
1,009Kb / 14P |
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2 |
|
A6303D
|
1Mb / 13P |
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2 |
|
A6307
|
667Kb / 10P |
LOW DROPOUT VOLTAGE REGULATOR 300mA ULTRA-LOW NOISE ULTRA-FAST
REV1.0 |
|
A6318
|
974Kb / 13P |
REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2 |