Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5A23167 Datasheet (PDF) - Texas Instruments

TS5A23167 Datasheet PDF - Texas Instruments
Part # TS5A23167
Download  TS5A23167 Download
File Size   799.5 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS5A23167 0.9-Ω dual SPST analog switch 5-V, 3.3-V 2-channel analog switch

TS5A23167 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS5A23167 Datasheet PDF - Texas Instruments

Part # TS5A23167
Download  TS5A23167 Click to download

File Size   799.5 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS5A23167 0.9-Ω dual SPST analog switch 5-V, 3.3-V 2-channel analog switch

TS5A23167 Datasheet (HTML) - Texas Instruments


TS5A23167 Product details

1 Features
1• Isolation in Powered-Off Mode, V+ = 0
• Low ON-State Resistance (0.9 Ω)
• Control Inputs Are 5.5-V Tolerant
• Low Charge Injection
• Low Total Harmonic Distortion (THD)
• 1.65-V to 5.5-V Single-Supply Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model(A114-B, Class II)
– 1000-V Charged-Device Model (C101)

2 Applications
• Cell Phones
• PDAs
• Portable Instrumentation
• Audio and Video Signal Routing
• Low-Voltage Data Acquisition Systems
• Communication Circuits
• Modems
• Hard Drives
• Computer Peripherals
• Wireless Terminals and Peripherals

3 Description
The TS5A23167 is a dual single-pole single-throw
(SPST) analog switch that is designed to operate
from 1.65 V to 5.5 V. The device offers a low ONstate
resistance. The device has excellent total
harmonic distortion (THD) performance and
consumes very low power. These features make this
device suitable for portable audio applications.




Similar Part No. - TS5A23167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23167 TI1-TS5A23167 Datasheet
886Kb / 30P
DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
TS5A23167DCTR TI-TS5A23167DCTR Datasheet
346Kb / 25P
0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23167DCTR TI1-TS5A23167DCTR Datasheet
886Kb / 30P
DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
TS5A23167DCUR TI-TS5A23167DCUR Datasheet
346Kb / 25P
0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results


Similar Description - TS5A23167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595 Datasheet
158Kb / 14P
8-W SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596 Datasheet
157Kb / 14P
8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A23160 TI-TS5A23160 Datasheet
276Kb / 22P
0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23160 TI-TS5A23160_09 Datasheet
543Kb / 25P
0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com