Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41AB3 Datasheet (PDF) - Texas Instruments

TSB41AB3 Datasheet PDF - Texas Instruments
Part # TSB41AB3
Download  TSB41AB3 Download
File Size   882.13 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER

TSB41AB3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSB41AB3 Datasheet PDF - Texas Instruments

Part # TSB41AB3
Download  TSB41AB3 Click to download

File Size   882.13 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER

TSB41AB3 Datasheet (HTML) - Texas Instruments


TSB41AB3 Product details

Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
Extended Temperature Performance of
−40°C to 85°C and −55°C to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product Change Notification
Qualification Pedigree†
Fully Supports Provisions of IEEE
1394-1995 Standard for High Performance
Serial Bus‡ and the 1394a-2000
Supplement
Fully Interoperable With FireWire and
i.LINK Implementation of IEEE Std 1394
Fully Compliant With Open HCI
Requirements
Provides Three 1394a-2000 Fully-Compliant
Cable Ports at 100/200/400 Megabits Per
Second (Mbits/s)
Full 1394a-2000 Support Includes:
Connection Debounce, Arbitrated Short
Reset, Multispeed Concatenation,
Arbitration Acceleration, Fly-By
Concatenation, Port
Disable/Suspend/Resume
Extended Resume Signaling for
Compatibility With Legacy DV Devices
Ultralow Power Sleep Mode
Node Power Class Information Signaling
for System Power Management
Cable Power Presence Monitoring
Cable Ports Monitor Line Conditions for
Active Connection to Remote Node
Power-Down Features to Conserve Energy
in Battery Powered Applications Include:
Automatic Device Power Down During
Suspend, Device Power-Down Terminal,
Link Interface Disable via LPS, and Inactive
Ports Powered Down
Data Interface to Link-Layer Controller
Through 2/4/8 Parallel Lines at 49.152 MHz
Interface to Link Layer Controller Supports
Low-Cost TI Bus-Holder Isolation and
Optional Annex J Electrical Isolation
Interoperable With Link-Layer Controllers
Using 3.3-V and 5-V Supplies
Interoperable With Other Physical Layers
(PHYs) Using 3.3-V and 5-V Supplies
Low Cost 24.576-MHz Crystal Provides
Transmit Receive Data at 100/200/400
Mbits/s, and Link-Layer Controller Clock at
49.152 MHz
Separate Cable Bias (TPBIAS) for Each Port
Single 3.3-V Supply Operation
Low-Cost High Performance 80-Pin TQFP
(PFP) Thermally Enhanced Package
Direct Drop-In Upgrade for
TSB41LV03APFP and TSB41LV03PFP
Software Device Reset (SWR)
Fail-Safe Circuitry Senses Sudden Loss of
Power to the Device and Disables the Ports
to Ensure That the TSB41AB3 Does Not
Load the TPBIAS of Any Connected Device
and Blocks Any Leakage From the Port
Back to Power Plane
The TSB41AB3 Has a 1394a Compliant
Common-Mode Noise Filter on the
Incoming Bias Detect Circuit to Filter Out
Cross-Talk Noise




Similar Part No. - TSB41AB3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
TSB41AB3 TI1-TSB41AB3 Datasheet
846Kb / 55P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI-TSB41AB3-EP Datasheet
729Kb / 52P
IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI1-TSB41AB3-EP Datasheet
859Kb / 56P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI1-TSB41AB3-EP Datasheet
808Kb / 55P
IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Similar Description - TSB41AB3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI-TSB41LV03A Datasheet
638Kb / 50P
IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI-TSB41AB1 Datasheet
1Mb / 60P
IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI-TSB41AB3-EP Datasheet
729Kb / 52P
IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
TSB41LV03A TI1-TSB41LV03A_14 Datasheet
271Kb / 11P
IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI1-TSB41AB3-EP_16 Datasheet
808Kb / 55P
IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com