Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2005 Datasheet (PDF) - Texas Instruments

TSC2005 Datasheet PDF - Texas Instruments
Part # TSC2005
Download  TSC2005 Download
File Size   927.0 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface

TSC2005 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC2005 Datasheet PDF - Texas Instruments

Part # TSC2005
Download  TSC2005 Click to download

File Size   927.0 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface

TSC2005 Datasheet (HTML) - Texas Instruments


TSC2005 Product details

1FEATURES
23· 4-Wire Touch Screen Interface
· Ratiometric Conversion
· Single 1.6V to 3.6V Supply
· Preprocessing to Reduce Bus Activity
· High-Speed SPI-Compatible Interface
· Internal Detection of Screen Touch
· Register-Based Programmable:
– 10-Bit or 12-Bit Resolution
– Sampling Rates
– System Timing
· On-Chip Temperature Measurement
· Touch Pressure Measurement
· Auto Power-Down Control
· Low Power:
– 800mW at 1.8V, 50SSPS
– 600mW at 1.6V, 50SSPS
– 75mW at 1.6V, 8.2kSPS Eq. Rate
· Enhanced ESD Protection:
– ±6kV HBM
– ±1kV CDM
– ±25kV Air Gap Discharge
– ±12kV Contact Discharge
· 2.5 x 3 WCSP-18 Package

APPLICATIONS
· Personal Digital Assistants
· Cellular Phones
· Portable Instruments
· Point-of-Sale Terminals
· MP3 Players, Pagers
· Multiscreen Touch Control

DESCRIPTION
The TSC2005 is a very low-power touch screen
controller designed to work with power-sensitive,
handheld applications that are based on an advanced
low-voltage processor. It works with a supply voltage as low as 1.6V, which can be supplied by a
single-cell battery. It contains a complete,
ultralow-power, 12-bit, analog-to-digital (A/D) resistive
touch screen converter, including drivers and the
control logic to measure touch pressure.
In addition to these standard features, the TSC2005 offers preprocessing of the touch screen
measurements to reduce bus loading, thus reducing
the consumption of host processor resources that can
then be redirected to more critical functions.
The TSC2005 supports an SPI-compatible serial bus
up to 25MHz. It offers programmable resolution of 10 or 12 bits to accommodate different screen sizes and
performance needs.
The TSC2005 is available in a miniature 18-lead,
5 x 6 array, 2.608 x 3.108 mm wafer chip-scale
package (WCSP). The device is characterized for the
–40°C to +85°C industrial temperature range.




Similar Part No. - TSC2005

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005 BURR-BROWN-TSC2005 Datasheet
768Kb / 44P
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2005I BURR-BROWN-TSC2005I Datasheet
796Kb / 42P
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005I BURR-BROWN-TSC2005I Datasheet
768Kb / 44P
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2005IYZLR BURR-BROWN-TSC2005IYZLR Datasheet
796Kb / 42P
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
More results


Similar Description - TSC2005

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005 BURR-BROWN-TSC2005_07 Datasheet
768Kb / 44P
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com