Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2017I Datasheet (PDF) - Texas Instruments

TSC2017I Datasheet PDF - Texas Instruments
Part # TSC2017I
Download  TSC2017I Download
File Size   477.09 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C™ Interface

TSC2017I Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC2017I Datasheet PDF - Texas Instruments

Part # TSC2017I
Download  TSC2017I Click to download

File Size   477.09 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C™ Interface

TSC2017I Datasheet (HTML) - Texas Instruments


TSC2017I Product details

1FEATURES
234• 4-Wire Touch Screen Interface
• Single 1.6V to 3.6V Supply/Reference
• Ratiometric Conversion
• Effective Throughput Rate:
– Up to 20kHz (8-Bit) or 10kHz (12-Bit)
• Preprocessing to Reduce Bus Activity
• I2C Interface Supports:
– Standard, Fast, and High-Speed Modes
• Simple, Command-Based User Interface:
– TSC2003/TSC2007 Compatible
– 8- or 12-Bit Resolution
• On-Chip Temperature Measurement
• Touch Pressure Measurement
• Digital Buffered PENIRQ
• On-Chip, Programmable PENIRQ Pull-Up
• Comprehensive Reset Schemes:
– Power-On, Software, and Hardware Resets
• Auto Power-Down Control
• Low Power (12-Bit):
– 39.31μA at 1.8V, Fast Mode, 8.2kHz Eq Rate
– 53.32μA at 2.7V, Fast Mode, 8.2kHz Eq Rate
• Enhanced ESD Protection for IEC Testing:
– ±8kV HBM
– ±1kV CDM
– ±25kV Air Gap Discharge
– ±15kV Contact Discharge
• 2.1 x 1.6 WCSP-12 Package

APPLICATIONS
• Cellular Phones
• PDA, GPS, and Media Players
• Portable Instruments
• Point-of-Sale Terminals
• Multiscreen Touch Control Systems

DESCRIPTION
The TSC2017 is a very low-power touch screen
controller designed to work with power-sensitive,
handheld applications that are based on an advanced
low-voltage processor. It works with a supply voltage
as low as 1.6V, which can be supplied by a
single-cell battery. It contains a complete, ultra-low
power, 12-bit, analog-to-digital (A/D) resistive touch
screen converter, including drivers and the control
logic to measure touch pressure.
In addition to these standard features, the TSC2017
offers preprocessing of the touch screen
measurements to reduce bus loading, thus reducing
the consumption of host processor resources that can
then be redirected to more critical functions.
The TSC2017 supports I2C serial bus and data
transmission protocol in all three defined modes:
standard, fast, and high-speed. It offers
programmable resolution of 8 or 12 bits to
accommodate different screen sizes and performance
needs.
The TSC2017 is available in a 12-lead,
(1.555 ±0,055mm) x (2.055 ±0,055mm), 3 x 4 array,
wafer chip-scale package (WCSP). The TSC2017 is
characterized for the –40°C to +85°C industrial
temperature range.




Similar Part No. - TSC2017I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2017IYZGR TI1-TSC2017IYZGR Datasheet
728Kb / 38P
12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017IYZGT TI1-TSC2017IYZGT Datasheet
728Kb / 38P
12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
More results


Similar Description - TSC2017I

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017 TI1-TSC2017 Datasheet
728Kb / 38P
12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017 TI1-TSC2017_14 Datasheet
924Kb / 39P
12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2013-Q1 TI1-TSC2013-Q1 Datasheet
1Mb / 70P
TSC2013-Q1 12-Bit, Nanopower, 4-Wire Dual-Touch Screen Controller With I2C Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com