Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2102IDA Datasheet (PDF) - Texas Instruments

TSC2102IDA Datasheet PDF - Texas Instruments
Part # TSC2102IDA
Download  TSC2102IDA Download
File Size   639.59 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER

TSC2102IDA Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC2102IDA Datasheet PDF - Texas Instruments

Part # TSC2102IDA
Download  TSC2102IDA Click to download

File Size   639.59 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER

TSC2102IDA Datasheet (HTML) - Texas Instruments


TSC2102IDA Product details

FEATURES
4-Wire Touch Screen Interface
Integrated Touch Screen Processor With
Fully Automated Modes of Operation
Programmable Converter Resolution, Speed,
and Averaging
Programmable Autonomous Timing Control
Direct Battery Measurement
On-Chip Temperature Measurement
Stereo Audio Playback Up to 48 ksps
97-dB Stereo Audio Playback
Integrated PLL for Audio Clock Generation
Programmable Digital Audio Effects
Processing
Stereo Headphone Amplifier
SPI Serial Interface
Glueless Interface With OMAP and Xscale
Processors
Full Power-Down Control
Low Power: 11-mW Stereo Audio Playback
32-Pin TSSOP Package

APPLICATIONS
Personal Digital Assistants
Smart Cellular Phones
MP3 Players

DESCRIPTION
The TSC2102 is a highly integrated combination resistive
touch screen controller with on-chip processor and audio
DAC. The touch screen portion of the TSC2102 contains
a 12-bit 4-wire resistive touch screen converter complete
with drivers, and interfaces to the host controller through
a standard SPI serial interface. The on-chip processor
provides extensive features specifically designed to
reduce host processor and bus overhead, with capabilities
that include fully automated operating modes,
programmable conversion resolution up to 12 bits,
programmable sampling rates up to 125 kHz,
programmable conversion averaging, and programmable
on-chip timing generation.
The TSC2102 also features a high-performance audio
DAC with 16, 20, 24, or 32-bit stereo playback functionality
at up to 48 ksps. The stereo output drivers on the TSC2102
can be programmed for headphone drive or line-level
drive, and support capless as well as ac-coupled output
configurations. The digital audio data format is
programmable to work with popular audio standard
protocols (I2S, DSP, left/right justified) in master or slave
mode, and also includes an on-chip PLL for flexible clock
generation capability.
The TSC2102 offers two battery measurement inputs
capable of reading battery voltages up to 6 V, while
operating at only 2.7 V. It also has an on-chip temperature
sensor capable of reading 0.3°C resolution. The TSC2102
is available in a 32-lead TSSOP.




Similar Part No. - TSC2102IDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2102IDA TI-TSC2102IDA Datasheet
518Kb / 54P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
TSC2102IDAR TI-TSC2102IDAR Datasheet
518Kb / 54P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
More results


Similar Description - TSC2102IDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
logo
Texas Instruments
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com