Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310A Datasheet (PDF) - Texas Instruments

TUSB1310A Datasheet PDF - Texas Instruments
Part # TUSB1310A
Download  TUSB1310A Download
File Size   985.5 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB1310A USB 3.0 Transceiver

TUSB1310A Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB1310A Datasheet PDF - Texas Instruments

Part # TUSB1310A
Download  TUSB1310A Click to download

File Size   985.5 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB1310A USB 3.0 Transceiver

TUSB1310A Datasheet (HTML) - Texas Instruments


TUSB1310A Product details

1.1 Features
1• Universal Serial Bus (USB)
– Single Port 5.0-Gbps USB 3.0 Physical Layer
Transceiver
– One 5.0-Gbps SuperSpeed Connection
– One 480-Mbps HS/FS/LS Connection
– Fully Compliant With USB 3.0 Specification,
Revision 1.0
– Supports 3+ Meters USB 3.0 Cable Length
– Fully Adaptive Equalizer to Optimize Receiver
Sensitivity
– PIPE to Link-Layer Controller
– Supports 16-Bit SDR Mode at 250 MHz
– Compliant With PHY Interface for the USB
Architectures (PIPE), Version 3.0
– ULPI to Link-Layer Controller
– Supports 8-Bit SDR Mode at 60 MHz
– Supports Synchronous Mode and Low-Power
Mode
– Compliant With UTMI+ Low Pin Interface
(ULPI) Specification, Revision 1.1
• General Features
– IEEE 1149.1 JTAG Support
– IEEE 1149.6 JTAG support for the SuperSpeed
Port
– Operates on One Reference Clock of 40 MHz
– 3.3-, 1.8-, and 1.1-V Supply Voltages
– 1.8-V PIPE and ULPI I/O
– Available in Lead-Free 175-Ball 12- × 12-nF
NFBGA Package (ZAY)

1.2 Applications
• Surveillance Cameras
• Digital Still Cameras
• Multimedia Handsets
• Phones and Smartphones
• Portable Media Players
• Personal Navigation Devices
• Audio Docks
• Video- and Wireless-IP Phones
• Software Defined Radios

1.3 Description
The TUSB1310A device is one port, 5.0-Gbps USB 3.0 physical layer transceiver that operates off of one
reference clock, which is provided by either a crystal or an external reference clock. The reference clock
frequencies are selectable from 20, 25, 30, and 40 MHz. The TUSB1310A device provides the clock to the
USB controller. The use of one reference clock allows the TUSB1310A device to provide a cost-effective
USB 3.0 solution with few external components and a low implementation cost.
The USB controller interfaces to the TUSB1310A device through a PIPE (SuperSpeed) and a ULPI (USB
2.0) interface. The 16-bit PIPE operates off of a 250-MHz interface clock. The ULPI supports 8-bit
operations with a 60-MHz interface clock.
USB 3.0 reduces active and idle power consumption with improved power-management features. The lowpower
states of the TUSB1310A device are controlled by the USB controller through the PIPE interface.
SuperSpeed USB uses existing USB software infrastructure by keeping the existing software interfaces
and software drivers intact. In addition, SuperSpeed USB retains backward compatibility with USB 2.0
based products by using the same form-factor Type-A connector and cables. Existing USB 2.0 devices
work with new USB 3.0 hosts and new USB 3.0 devices with work with legacy USB 2.0 hosts.




Similar Part No. - TUSB1310A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1310A TI-TUSB1310A Datasheet
580Kb / 42P
USB 3.0 Transceiver
TUSB1310AZAY TI-TUSB1310AZAY Datasheet
580Kb / 42P
USB 3.0 Transceiver
TUSB1310AZAYR TI-TUSB1310AZAYR Datasheet
580Kb / 42P
USB 3.0 Transceiver
More results


Similar Description - TUSB1310A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1310 TI-TUSB1310 Datasheet
275Kb / 36P
USB 3.0 Transceiver Data Manual
TUSB1310 TI-TUSB1310_1 Datasheet
357Kb / 36P
USB 3.0 Transceiver
logo
Qualtek Electronics Cor...
3023001-01M QUALTEK-3023001-01M Datasheet
636Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023003-01M QUALTEK-3023003-01M Datasheet
609Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
3023013-02M QUALTEK-3023013-02M Datasheet
633Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023015-02M QUALTEK-3023015-02M Datasheet
606Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
logo
Texas Instruments
TUSB1310A TI-TUSB1310A Datasheet
580Kb / 42P
USB 3.0 Transceiver
logo
Glenair, Inc.
963-012 GLENAIR-963-012 Datasheet
205Kb / 1P
USB 3.0
logo
Leopard Imaging Inc.
LI-USB30-AR0144X LEOPARD-LI-USB30-AR0144X Datasheet
454Kb / 2P
USB 3.0
LI-USB30-MIPI-TESTER LEOPARD-LI-USB30-MIPI-TESTER Datasheet
726Kb / 3P
USB 3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com