Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB215-Q1 Datasheet (PDF) - Texas Instruments

TUSB215-Q1 Datasheet PDF - Texas Instruments
Part # TUSB215-Q1
Download  TUSB215-Q1 Download
File Size   991.18 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB215-Q1 USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP

TUSB215-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB215-Q1 Datasheet PDF - Texas Instruments

Part # TUSB215-Q1
Download  TUSB215-Q1 Click to download

File Size   991.18 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB215-Q1 USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP

TUSB215-Q1 Datasheet (HTML) - Texas Instruments


TUSB215-Q1 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified with the Following Results
– Device Temperature Grade 2: –40°C to 105°C
Ambient Operating Temperature
– Device HBM Classification Level H1C
– Device CDM Classification Level C3
• Compatible with USB 2.0, OTG 2.0 and BC 1.2
• Pin strap or I2C Configurable
• USB BC1.2 Charging Downstream Port (CDP)
controller
• Support for LS, FS, HS signaling
• Ultra-low USB Disconnect and Shutdown Power
Consumption
• Scalable solution - Daisy Chain Device for High
Loss Applications
• D1P/M and D2P/M Interchangeable and
Host/Device Agnostic
• Supports up to 5m pre-channel or 2m postchannel
Cable Length
– Four Selectable AC Boost Setting Via External
Pulldown Resistor
– DC Boost Along With AC Boost for Best Signal
Integrity

2 Applications
• Automotive Infotainment
• Notebooks
• Desktops
• Docking Stations
• Tablets
• Cell Phones
• Active Cable, Cable Extenders
• Backplane
• Televisions

3 Description
The TUSB215-Q1 is a USB High-Speed (HS) signal
conditioner, designed to compensate for ISI signal
loss in a transmission channel which helps passing
USB electrical compliance tests.
TUSB215-Q1 has a patent-pending design which is
agnostic to USB Low Speed (LS) and Full Speed
(FS) signals. LS and FS signal characteristics are
unaffected by the TUSB215-Q1 while HS signals are
compensated.
Programmable signal AC boost and DC boost permits
fine tuning device performance to optimize High
Speed signals at the connector, this allows use in
many different applications.
In addition, TUSB215-Q1 is compatible with the USB
On-The-Go (OTG) and Battery Charging (BC)
protocols. TUSB215-Q1 further acts as Charging
Downstream Port (CDP) controller and handles the
necessary handshakes with the downstream device.




Similar Part No. - TUSB215-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB215-Q1 TI1-TUSB215-Q1 Datasheet
929Kb / 26P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
More results


Similar Description - TUSB215-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
USB 2.0 High Speed Signal Conditioner
TUSB214 TI1-TUSB214 Datasheet
836Kb / 23P
USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB214-Q1 TI1-TUSB214-Q1 Datasheet
857Kb / 23P
USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB215 TI1-TUSB215 Datasheet
844Kb / 23P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB215-Q1 TI1-TUSB215-Q1 Datasheet
929Kb / 26P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB217A TI-TUSB217A Datasheet
4Mb / 31P
TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
TUSB217A-Q1 TI-TUSB217A-Q1 Datasheet
3Mb / 33P
TUSB217A-Q1 USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
SEPTEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com