Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28740 Datasheet (PDF) - Texas Instruments

UCC28740 Datasheet PDF - Texas Instruments
Part # UCC28740
Download  UCC28740 Download
File Size   939.95 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC28740 Constant-Voltage Constant-Current Flyback Controller Using Optocoupled Feedback

UCC28740 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC28740 Datasheet PDF - Texas Instruments

Part # UCC28740
Download  UCC28740 Click to download

File Size   939.95 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC28740 Constant-Voltage Constant-Current Flyback Controller Using Optocoupled Feedback

UCC28740 Datasheet (HTML) - Texas Instruments


UCC28740 Product details

1 Features
1• Less than 10-mW No-Load Power Capability
• Optocoupled Feedback for CV, and
Primary-Side Regulation (PSR) for CC
• Enables ±1% Voltage Regulation and ±5%
Current Regulation Across Line and Load
• 700-V Startup Switch
• 100-kHz Maximum Switching Frequency Enables
High-Power-Density Charger Designs
• Resonant-Ring Valley-Switching Operation for
Highest Overall Efficiency
• Frequency Dithering to Ease EMI Compliance
• Clamped Gate-Drive Output for MOSFET
• Overvoltage, Low-Line, and Overcurrent
Protection Functions
• SOIC-7 Package
• Create a Custom Design Using the UCC28740
With the WEBENCH® Power Designer

2 Applications
• USB-Compliant Adapters and Chargers for
Consumer Electronics
– Smart Phones
– Tablet Computers
– Cameras
• Standby Supply for TV and Desktop
• White Goods

3 Description
The UCC28740 isolated-flyback power-supply
controller provides Constant-Voltage (CV) using an
optical coupler to improve transient response to largeload
steps. Constant-Current (CC) regulation is
accomplished through Primary-Side Regulation (PSR)
techniques. This device processes information from
opto-coupled feedback and an auxiliary flyback
winding for precise high-performance control of
output voltage and current.
An internal 700-V startup switch, dynamically
controlled operating states, and a tailored modulation
profile support ultra-low standby power without
sacrificing startup time or output transient response.
Control algorithms in the UCC28740 allow operating
efficiencies to meet or exceed applicable standards.
The drive output interfaces to a MOSFET power
switch. Discontinuous conduction mode (DCM) with
valley-switching reduces switching losses. Modulation
of switching frequency and primary current-peak
amplitude (FM and AM) keeps the conversion
efficiency high across the entire load and line ranges.
The controller has a maximum switching frequency of
100 kHz and always maintains control of the peakprimary
current in the transformer. Protection features
keep primary and secondary component stresses in
check. A minimum switching frequency of 170 Hz
facilitates the achievement of less than 10-mW noload
power.




Similar Part No. - UCC28740

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28740 TI-UCC28740 Datasheet
1Mb / 32P
Constant-Voltage Constant-Current Flyback Controller Using Opto-Coupled Feedback
UCC28740 TI1-UCC28740 Datasheet
822Kb / 39P
UCC28740-Q1 Ultra Low Standby, Flyback Controller for Automotive, with Integrated HV Startup and Optocoupler Feedback
UCC28740-Q1 TI1-UCC28740-Q1 Datasheet
822Kb / 39P
UCC28740-Q1 Ultra Low Standby, Flyback Controller for Automotive, with Integrated HV Startup and Optocoupler Feedback
UCC28740D TI-UCC28740D Datasheet
1Mb / 32P
Constant-Voltage Constant-Current Flyback Controller Using Opto-Coupled Feedback
UCC28740DR TI-UCC28740DR Datasheet
1Mb / 32P
Constant-Voltage Constant-Current Flyback Controller Using Opto-Coupled Feedback
More results


Similar Description - UCC28740

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UCC28740 TI-UCC28740 Datasheet
1Mb / 32P
Constant-Voltage Constant-Current Flyback Controller Using Opto-Coupled Feedback
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UCC28740 TI-UCC28740_15 Datasheet
1Mb / 37P
UCC28740 Constant-Voltage Constant-Current Flyback Controller Using Opto-Coupled Feedback
UCC28722 TI1-UCC28722 Datasheet
1Mb / 34P
Constant-Voltage, Constant-Current Controller
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
Constant-Voltage, Constant-Current Controller
logo
Eutech Microelectronics...
EUP9268 EUTECH-EUP9268 Datasheet
147Kb / 1P
Constant-Voltage Constant-Current Flyback Controller Using Opto-Coupled Feedback
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
logo
SHENZHEN FUMAN ELECTRON...
FM3772B FUMAN-FM3772B Datasheet
538Kb / 9P
Self-powered constant current / constant voltage primary feedback controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com