Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPB1507GV Datasheet (PDF) - California Eastern Labs

UPB1507GV Datasheet PDF - California Eastern Labs
Part # UPB1507GV
Download  UPB1507GV Download
File Size   140.86 Kbytes
Page   11 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NEC 3.0 GHz DIVIDE BY 64/128/256 PRESCALER

UPB1507GV Datasheet (PDF)

Go To PDF Page Download Datasheet
UPB1507GV Datasheet PDF - California Eastern Labs

Part # UPB1507GV
Download  UPB1507GV Click to download

File Size   140.86 Kbytes
Page   11 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NEC 3.0 GHz DIVIDE BY 64/128/256 PRESCALER

UPB1507GV Datasheet (HTML) - California Eastern Labs




Similar Part No. - UPB1507GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1507GV NEC-UPB1507GV Datasheet
143Kb / 20P
3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
UPB1507GV-E1 NEC-UPB1507GV-E1 Datasheet
143Kb / 20P
3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
logo
Renesas Technology Corp
UPB1507GV-E1 RENESAS-UPB1507GV-E1 Datasheet
573Kb / 22P
BIPOLAR DIGITAL INTEGRATED CIRCUITS
1996
logo
List of Unclassifed Man...
UPB1507GV-E1-A ETC2-UPB1507GV-E1-A Datasheet
718Kb / 16P
BIPOLAR DIGITAL INTEGRATED CIRCUITS PB1507GV
More results


Similar Description - UPB1507GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1505GR NEC-UPB1505GR Datasheet
60Kb / 8P
3.0 GHz PRESCALER DIVIDED BY 256, 128, 64 FOR BS/CS TUNER
UPB1506GV NEC-UPB1506GV Datasheet
143Kb / 20P
3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
logo
NXP Semiconductors
SA701 PHILIPS-SA701 Datasheet
82Kb / 7P
Divide by: 128/129-64/65 dual modulus low power ECL prescaler
June 17, 1993
SAB6456 PHILIPS-SAB6456 Datasheet
77Kb / 10P
Sensitive 1 GHz divide-by-64/divide-by-256 switchable prescaler
June 1986
logo
Fairchild Semiconductor
11C83 FAIRCHILD-11C83 Datasheet
301Kb / 4P
1GHz DIVIDE-BY-248/256 PRESCALER
logo
California Eastern Labs
UPB1509GV CEL-UPB1509GV Datasheet
338Kb / 8P
NEC 1.0 GHZ DIVIDE BY 2/4/8 PRESCALER
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 2 PRESCALER
logo
NEC
UPB586B NEC-UPB586B Datasheet
62Kb / 4P
2.5 GHz DIVIDE- BY- 512/256 PRESCALER
UPB1502GR NEC-UPB1502GR Datasheet
75Kb / 4P
DIVIDE- BY- 64/65/128/129 PRESCALER
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 4 PRESCALER
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com