Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC152 Datasheet (PDF) - Hittite Microwave Corporation

HMC152 Datasheet PDF - Hittite Microwave Corporation
Part # HMC152
Download  HMC152 Download
File Size   136.91 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description PHASE COMPENSATED VARIABLE GAIN AMPLIFIER 2.5 - 5.0 GHz

HMC152 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC152 Datasheet PDF - Hittite Microwave Corporation

Part # HMC152
Download  HMC152 Click to download

File Size   136.91 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description PHASE COMPENSATED VARIABLE GAIN AMPLIFIER 2.5 - 5.0 GHz

HMC152 Datasheet (HTML) - Hittite Microwave Corporation


HMC152 Product details

General Description
The HMC152 is an amplifier with gain controlled with a 5 bit binary word. The magnitude of the voltage gain varies linearly with the value of the control word. This transfer function is used to perform weighted loading of antenna arrays, alignment of monopulse receivers, antenna nulling and digital modulation for communications. The amplifier provides low phase shift vs gain state. Intermodulation performance improves as gain decreases, which is opposite to what occurs in most voltage variable attenuators in which Intermodulation distortion degrades as attenuation is increased.

Features
   GAIN: 15 dB typ.
   GAIN ADJUSTMENT RANGE: > 20 dB
   RELATIVE PHASE SHIFT: 10 DEGREES




Similar Part No. - HMC152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC1501 ETC1-HMC1501 Datasheet
85Kb / 4P
Linear / Angular / Rotary Displacement Sensors
logo
Honeywell Accelerometer...
HMC1501 HONEYWELL-ACC-HMC1501 Datasheet
769Kb / 8P
Magnetic Displacement Sensors
HMC1501-TR HONEYWELL-ACC-HMC1501-TR Datasheet
769Kb / 8P
Magnetic Displacement Sensors
logo
List of Unclassifed Man...
HMC1512 ETC1-HMC1512 Datasheet
85Kb / 4P
Linear / Angular / Rotary Displacement Sensors
logo
Honeywell Accelerometer...
HMC1512 HONEYWELL-ACC-HMC1512 Datasheet
769Kb / 8P
Magnetic Displacement Sensors
More results


Similar Description - HMC152

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IVA-14208 HP-IVA-14208 Datasheet
113Kb / 7P
Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier
logo
Tyco Electronics
MAAP-000066-PKG003 MACOM-MAAP-000066-PKG003 Datasheet
309Kb / 9P
Amplifier, Power, 2.0W 2.5-5.0 GHz
logo
HBH Microwave GmbH
HA6007 HBH-HA6007 Datasheet
25Kb / 1P
10.0 - 13.0 GHz Variable Gain Amplifier
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG Datasheet
519Kb / 14P
6-11 GHz Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
0.05?? GHz Digital Variable Gain Amplifier
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
0.05 ??4 GHz Digital Variable Gain Amplifier
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG_15 Datasheet
519Kb / 14P
6-11 GHz Variable Gain Amplifier
logo
Qorvo, Inc
TQC9305 QORVO-TQC9305 Datasheet
706Kb / 9P
0.7 ??3.6 GHz Digital Variable Gain Amplifier
TQM8M9075 QORVO-TQM8M9075 Datasheet
429Kb / 8P
0.05 ??4 GHz Digital Variable Gain Amplifier
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com