Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAPTER Datasheet (PDF) - Axiomtek Co., Ltd.

ADAPTER Datasheet PDF - Axiomtek Co., Ltd.
Part # ADAPTER
Download  ADAPTER Download
File Size   623.54 Kbytes
Page   3 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 1.6" SBC with Intel Alder Lake-N® Processor, LPDDR5, eDP, M.2 Key E, 2 USB 3.2 (Type-C), and USB 3.2 (Vertical Type-C)

ADAPTER Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAPTER Datasheet PDF - Axiomtek Co., Ltd.

Part # ADAPTER
Download  ADAPTER Click to download

File Size   623.54 Kbytes
Page   3 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 1.6" SBC with Intel Alder Lake-N® Processor, LPDDR5, eDP, M.2 Key E, 2 USB 3.2 (Type-C), and USB 3.2 (Vertical Type-C)

ADAPTER Datasheet (HTML) - Axiomtek Co., Ltd.


ADAPTER Product details

Features
● Super tiny 1.6-inch embedded board
● Intel Alder Lake-N® processor onboard
● Onboard 4GB LPDDR5 memory
● Onboard 64GB NVMe SSD storage
● Supports M.2 Key E socket
● Supports eDP for display
● Supports operating system: Linux, Windows®




Similar Part No. - ADAPTER

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
ADAPTER DDK-ADAPTER Datasheet
673Kb / 31P
Conversion Connector
logo
Extreme Networks.
ADAPTER EXTREMENETWORKS-ADAPTER Datasheet
237Kb / 15P
Cloud-Managed Switching Made Easy
29jul24
logo
Power PAX UK
ADAPTER-18W POWERPAX-ADAPTER-18W Datasheet
879Kb / 1P
ADAPTER-18W
logo
Mini-Circuits
ADAPTERS-TYPE-N_SMA MINI-ADAPTERS-TYPE-N_SMA Datasheet
53Kb / 1P
50OHM, DC to 18 GHz
ADAPTERS_BNC_SMA MINI-ADAPTERS_BNC_SMA Datasheet
109Kb / 2P
50OHM DC to 2 GHz
More results


Similar Description - ADAPTER

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-588 ADVANTECH-AIMB-588 Datasheet
4Mb / 6P
Intel® 12th Gen Core™ processors(Alder Lake-S) i9/i7/i5/i3 LGA1700,MicroATX with 2 DP/HDMI/eDP,1 GbE LAN, 3 2.5GbE LANs, 8 USB 3.2,1 USB 3.2 Type-C, 6 COM
24-Aug-2022
logo
Tripp Lite. All Rights ...
U457-1M2-NVME-L TRIPPLITE-U457-1M2-NVME-L Datasheet
177Kb / 3P
USB-C to M.2 NVMe and SATA SSD (M-Key) Gaming Enclosure Adapter - USB 3.2 Gen 2 (10 Gbps), LEDs
logo
Coolgear Inc.
CG-CMCRM5A100-05M COOLGEAR-CG-CMCRM5A100-05M Datasheet
283Kb / 2P
1ft. USB 3.2 Gen 2 Type-C to Right Angle Type-C Cable 5A 100W
Rev 05.220505
CG-CMCRM5A100-1.8M COOLGEAR-CG-CMCRM5A100-1.8M Datasheet
1Mb / 2P
6ft. USB 3.2 Gen 2 Type-C to Right Angle Type-C Cable 5A 100W
Rev 05.220505
CG-CMCRM5A100-1M COOLGEAR-CG-CMCRM5A100-1M Datasheet
1Mb / 2P
3ft. USB 3.2 Gen 2 Type-C to Right Angle Type-C Cable 5A 100W
Rev 05.220505
USB3-AC03MB COOLGEAR-USB3-AC03MB Datasheet
125Kb / 1P
USB 3.2 Gen 2 Type-C Male to Type-A Male Cable
2021.04.17
CGL-G2180CMC-03M COOLGEAR-CGL-G2180CMC-03M Datasheet
1Mb / 1P
USB 3.2 Gen 2 180° Male Type-C to Male C
3/17/2023
logo
Kycon, Inc.
KUSB67X-SMTTH-CS4-BTR KYCON-KUSB67X-SMTTH-CS4-BTR Datasheet
220Kb / 2P
USB 3.2 Gen 2, Type C Socket
REV. A1 10/23/19
logo
Coolgear Inc.
USB3-AC1MB COOLGEAR-USB3-AC1MB Datasheet
158Kb / 1P
USB-C TYPE A TO C USB 3.2 3FT BL
REV. A0
USB3-AC2MB COOLGEAR-USB3-AC2MB Datasheet
156Kb / 1P
USB 3.2 GEN 2 TYPE-C MALE TO TYP
REV. A0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com