Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE30L Datasheet (PDF) - Vishay Siliconix

PE30L Datasheet PDF - Vishay Siliconix
Part # PE30L
Download  PE30L Download
File Size   156.69 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fully Sealed Potentiometer Professional Grade

PE30L Datasheet (PDF)

Go To PDF Page Download Datasheet
PE30L Datasheet PDF - Vishay Siliconix

Part # PE30L
Download  PE30L Click to download

File Size   156.69 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fully Sealed Potentiometer Professional Grade

PE30L Datasheet (HTML) - Vishay Siliconix


PE30L Product details

FEATURES
• High power rating 3 W at 70 °C
• Low temperature coefficient (150 ppm/°C
typical)
• Cermet element
• Full sealing
• Use of faston 2.86 connections
• Tests according to CECC 41000 or IEC 60393-1
• Wires and connectors available
• Custom design on request
• Center detent option
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - PE30L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30L VISHAY-PE30L Datasheet
151Kb / 6P
Fully Sealed Potentiometer Military and Professional Grade
14-Aug-13
PE30L0AP103KABG004 VISHAY-PE30L0AP103KABG004 Datasheet
134Kb / 6P
Fully Sealed Potentiometer Professional Grade
15-Apr-2020
PE30L0AP472KABG030 VISHAY-PE30L0AP472KABG030 Datasheet
134Kb / 6P
Fully Sealed Potentiometer Professional Grade
15-Apr-2020
PE30L0FD204MAB VISHAY-PE30L0FD204MAB Datasheet
131Kb / 6P
Fully Sealed Container Cermet Potentiometer Military and Professional Grade
04-Sep-08
PE30L0FD204MFB VISHAY-PE30L0FD204MFB Datasheet
131Kb / 6P
Fully Sealed Container Cermet Potentiometer Military and Professional Grade
04-Sep-08
More results


Similar Description - PE30L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30 VISHAY-PE30 Datasheet
158Kb / 3P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
19-Jul-02
PE30 VISHAY-PE30_08 Datasheet
131Kb / 6P
Fully Sealed Container Cermet Potentiometer Military and Professional Grade
04-Sep-08
P12 VISHAY-P12 Datasheet
140Kb / 5P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
06-Jul-06
P13 VISHAY-P13 Datasheet
117Kb / 5P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
06-Jul-06
PE30L0FR472MAB VISHAY-PE30L0FR472MAB Datasheet
177Kb / 6P
Fully Sealed Potentiometer Military and Professional Grade
29-Aug-12
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
PE30 VISHAY-PE30_18 Datasheet
155Kb / 6P
Fully Sealed Potentiometer Professional Grade
01-Feb-18
P12 VISHAY-P12_V01 Datasheet
124Kb / 6P
Fully Sealed Container Cermet Potentiometer Professional Grade
04-Jul-17
P13 VISHAY-P13_V01 Datasheet
121Kb / 7P
Fully Sealed Container Cermet Potentiometer Professional Grade
21-Nov-2022
PE30 VISHAY-PE30_V01 Datasheet
116Kb / 6P
Fully Sealed Potentiometer Professional Grade
21-Nov-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com