Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC082S021 Datasheet (PDF) - Texas Instruments

ADC082S021 Datasheet PDF - Texas Instruments
Part # ADC082S021
Download  ADC082S021 Download
File Size   935.45 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC102S051 2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter

ADC082S021 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC082S021 Datasheet PDF - Texas Instruments

Part # ADC082S021
Download  ADC082S021 Click to download

File Size   935.45 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC102S051 2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter

ADC082S021 Datasheet (HTML) - Texas Instruments


ADC082S021 Product details

1FEATURES
2• Specified Over a Range of Sample Rates.
• Two Input Channels
• Variable Power Management
• Single Power Supply with 2.7V - 5.25V Range

KEY SPECIFICATIONS
• DNL: ± 0.13 LSB (typ)
• INL: + 0.20/−0.1 LSB (typ)
• SNR: 61.8 dB (typ)
• Power Consumption:
– 3V Supply: 2.7 mW (typ)
– 5V Supply: 8.6 mW (typ)

APPLICATIONS
• Portable Systems
• Remote Data Acquisition
• Instrumentation and Control Systems

DESCRIPTION
The ADC102S051 is a low-power, two-channel
CMOS 10-bit analog-to-digital converter with a high-
speed serial interface. Unlike the conventional
practice of specifying performance at a single sample
rate only, the ADC102S051 is fully specified over a
sample rate range of 200 ksps to 500 ksps. The
converter is based on a successive-approximation
register architecture with an internal track-and-hold
circuit. It can be configured to accept one or two input
signals at inputs IN1 and IN2.
The output serial data is straight binary, and is
compatible with several standards, such as SPI,
QSPI, MICROWIRE, and many common DSP serial interfaces.
The ADC102S051 operates with a single supply that
can range from +2.7V to +5.25V. Normal power consumption using a +3V or +5V supply is 2.7 mW
and 8.6 mW, respectively. The power-down feature
reduces the power consumption to just 0.12 μW using
a +3V supply, or 0.47 μW using a +5V supply.
The ADC102S051 is packaged in an 8-lead VSSOP
package. Operation over the industrial temperature
range of −40°C to +85°C is ensured.




Similar Part No. - ADC082S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC082S021 NSC-ADC082S021 Datasheet
939Kb / 19P
2 Channel, 200 KSPS, 8-Bit A/D Converter
ADC082S021 NSC-ADC082S021 Datasheet
941Kb / 19P
2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC082S021 TI-ADC082S021 Datasheet
1Mb / 25P
ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC082S021 TI1-ADC082S021 Datasheet
1Mb / 28P
ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC082S021 TI1-ADC082S021 Datasheet
1Mb / 28P
ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
More results


Similar Description - ADC082S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC104S051CIMM TI1-ADC104S051CIMM Datasheet
1Mb / 25P
ADC104S051 4 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC102S051 TI1-ADC102S051_14 Datasheet
1Mb / 28P
ADC102S051 2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com