Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC121S705 Datasheet (PDF) - Texas Instruments

ADC121S705 Datasheet PDF - Texas Instruments
Part # ADC121S705
Download  ADC121S705 Download
File Size   957.92 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC121S655 12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter

ADC121S705 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC121S705 Datasheet PDF - Texas Instruments

Part # ADC121S705
Download  ADC121S705 Click to download

File Size   957.92 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC121S655 12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter

ADC121S705 Datasheet (HTML) - Texas Instruments


ADC121S705 Product details

1FEATURES
23• True Differential Inputs
• Specified Performance from 200 kSPS to 500
kSPS
• External Reference
• Wide Input Common-Mode Voltage Range
• SPI™/ QSPI™/MICROWIRE/DSP Compatible
Serial Interface

APPLICATIONS
• Automotive Navigation
• Portable Systems
• Medical Instruments
• Instrumentation and Control Systems
• Motor Control
• Direct Sensor Interface

KEY SPECIFICATIONS
• Conversion Rate: 200 kSPS to 500 kSPS
• INL: ± 0.95 LSB (max)
• DNL: ± 0.85 LSB (max)
• Offset Error: ± 3.0 LSB (max)
• Gain Error: ± 5.5 LSB (max)
• SINAD: 70 dB (min)
• Power Consumption at VA = 5 V
– Active, 500 kSPS: 9 mW (typ)
– Active, 200 kSPS: 7 mW (typ)
– Power-Down: 1.5 μW (typ)

DESCRIPTION
The ADC121S655 is a 12-bit, 200 kSPS to 500 kSPS
sampling Analog-to-Digital (A/D) converter that
features a fully differential, high impedance analog
input and an external reference. The reference
voltage can be varied from 1.0V to VA, with a
corresponding resolution between 244μV and VA
divided by 4096.
The output serial data is binary 2's complement and
is compatible with several standards, such as SPI,
QSPI, MICROWIRE, and many common DSP serial
interfaces. The differential input, low power
consumption, and small size make the ADC121S655
ideal for direct connection to transducers in battery
operated systems or remote data acquisition
applications.
Operating from a single 5V supply, the supply current when operating at 500 kSPS is typically 1.8 mA. The
supply current drops down to 0.3 μA typically when
the ADC121S655 enters power-down mode. The
ADC121S655 is available in the VSSOP-8 package.
Operation is specified over the industrial temperature
range of −40°C to +105°C and clock rates of 3.2 MHz
to 8 MHz.




Similar Part No. - ADC121S705

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC121S705 TI1-ADC121S705 Datasheet
1Mb / 31P
12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
ADC121S705 TI2-ADC121S705 Datasheet
923Kb / 31P
ADC121S705 12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
REVISED MARCH 2013
ADC121S705CIMM/NO.A TI2-ADC121S705CIMM/NO.A Datasheet
923Kb / 31P
ADC121S705 12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
REVISED MARCH 2013
ADC121S705CIMM/NOPB TI1-ADC121S705CIMM/NOPB Datasheet
1Mb / 31P
12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
ADC121S705CIMM/NOPB TI2-ADC121S705CIMM/NOPB Datasheet
923Kb / 31P
ADC121S705 12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
REVISED MARCH 2013
More results


Similar Description - ADC121S705

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121S625 NSC-ADC121S625 Datasheet
1Mb / 20P
12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC121S655 NSC-ADC121S655 Datasheet
536Kb / 22P
12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC121S625 TI1-ADC121S625_14 Datasheet
1Mb / 31P
ADC121S625 12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC121S625 TI1-ADC121S625_15 Datasheet
1Mb / 31P
12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC121S655 TI1-ADC121S655 Datasheet
1Mb / 31P
12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
ADC121S705 TI1-ADC121S705 Datasheet
1Mb / 31P
12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com