Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC128S102CVAL Datasheet (PDF) - Texas Instruments

ADC128S102CVAL Datasheet PDF - Texas Instruments
Part # ADC128S102CVAL
Download  ADC128S102CVAL Download
File Size   945.52 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC128S102QML-SP Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter

ADC128S102CVAL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC128S102CVAL Datasheet PDF - Texas Instruments

Part # ADC128S102CVAL
Download  ADC128S102CVAL Click to download

File Size   945.52 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC128S102QML-SP Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter

ADC128S102CVAL Datasheet (HTML) - Texas Instruments


ADC128S102CVAL Product details

1 Features
1• 5962R07227
– Total Ionizing Dose 100 krad(Si)
– Single Event Latch-Up Immune 120 MeVcm2/
mg
– Single Event Functional Interrupt Immune 120
MeV-cm2/mg
(See Radiation Report)
• Eight Input Channels
• Variable Power Management
• Independent Analog and Digital Supplies
• SPI™/QSPI™/MICROWIRE™/DSP Compatible
• Packaged in 16-Lead Ceramic SOIC
• Key Specifications
– Conversion Rate: 50 kSPS to 1 MSPS
– DNL (VA = VD = 5 V): +1.5 / −0.9 LSB
(Maximum)
– INL (VA = VD = 5 V): +1.4 / −1.25 LSB
(Maximum)
– Power Consumption
– 3-V Supply: 2.3 mW (Typical)
– 5-V Supply: 10.7 mW (Typical)

2 Applications
• Satellites
– Attitude and Orbit Control
– Precision Sensors
– Motor Control
• High Temperature
• Medical Systems
• Accelerators

3 Description
The ADC128S102 device is a low-power, eightchannel
CMOS 12-bit analog-to-digital converter
specified for conversion throughput rates of 50 kSPS
to 1 MSPS. The converter is based on a successiveapproximation
register architecture with an internal
track-and-hold circuit. The device can be configured
to accept up to eight input signals at inputs IN0
through IN7.
The output serial data is straight binary and is
compatible with several standards, such as SPI,
QSPI, MICROWIRE, and many common DSP serial
interfaces.
The ADC128S102 may be operated with independent
analog and digital supplies. The analog supply (VA)
can range from 2.7 V to 5.25 V, and the digital supply
(VD) can range from 2.7 V to VA. Normal power
consumption using a 3-V or 5-V supply is 2.3 mW
and 10.7 mW, respectively. The power-down feature
reduces the power consumption to 0.06 μW using a
3-V supply and 0.25 μW using a 5-V supply.




Similar Part No. - ADC128S102CVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S102CVAL NSC-ADC128S102CVAL Datasheet
526Kb / 22P
8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102CVAL TI1-ADC128S102CVAL Datasheet
803Kb / 32P
Radiation Hardened 8-Channel CONVERTER
ADC128S102CVAL TI1-ADC128S102CVAL Datasheet
799Kb / 32P
Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102CVAL TI1-ADC128S102CVAL Datasheet
690Kb / 30P
Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results


Similar Description - ADC128S102CVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP_17 Datasheet
799Kb / 32P
Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP_017 TI1-ADC128S102QML-SP_017 Datasheet
690Kb / 30P
Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com