Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7822 Datasheet (PDF) - Texas Instruments

ADS7822 Datasheet PDF - Texas Instruments
Part # ADS7822
Download  ADS7822 Download
File Size   961.94 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 200kHz, microPower Sampling ANALOG-TO-DIGITAL CONVERTER

ADS7822 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7822 Datasheet PDF - Texas Instruments

Part # ADS7822
Download  ADS7822 Click to download

File Size   961.94 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 200kHz, microPower Sampling ANALOG-TO-DIGITAL CONVERTER

ADS7822 Datasheet (HTML) - Texas Instruments


ADS7822 Product details

1FEATURES
2· 200kHz Sampling Rate
· microPower:
1.6mW at 200kHz
0.54mW at 75kHz
0.06mW at 7.5kHz
· Power Down: 3μA max
· Mini-DIP-8, SO-8, and MSOP-8 Packages
· Pseudo-Differential Input
· Serial Interface

APPLICATIONS
· Battery-Operated Systems
· Remote Data Acquisition
· Isolated Data Acquisition
· Simultaneous Sampling, Multichannel Systems

DESCRIPTION
The ADS7822 is a 12-bit sampling analog-to-digital
(A/D) converter with ensured specifications over a
2.7V to 5.25V supply range. It requires very little
power even when operating at the full 200kHz rate. At
lower conversion rates, the high speed of the device
enables it to spend most of its time in the
power-down mode—the power dissipation is less
than 60μW at 7.5kHz.
The ADS7822 also features operation from 2.0V to
5V, a synchronous serial interface, and a
pseudo-differential input. The reference voltage can
be set to any level within the range of 50mV to VCC.
Ultra low power and small size make the ADS7822
ideal for battery-operated systems. It is also a perfect
fit for remote data-acquisition modules, simultaneous
multichannel systems, and isolated data acquisition.
The ADS7822 is available in a plastic mini-DIP-8, an
SO-8, or an MSOP-8 package.




Similar Part No. - ADS7822

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822 TI1-ADS7822 Datasheet
1Mb / 28P
ANALOG-TO-DIGITAL CONVERTER
ADS7822 TI2-ADS7822 Datasheet
613Kb / 26P
12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
MARCH 2009
ADS7822-Q1 TI1-ADS7822-Q1 Datasheet
769Kb / 23P
12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS7822

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8322 BURR-BROWN-ADS8322 Datasheet
202Kb / 10P
16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822-Q1 TI1-ADS7822-Q1 Datasheet
769Kb / 23P
12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8323Y TI-ADS8323Y Datasheet
798Kb / 25P
16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323 TI1-ADS8323_14 Datasheet
799Kb / 26P
16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8322 TI1-ADS8322 Datasheet
934Kb / 19P
16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com