Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8517 Datasheet (PDF) - Texas Instruments

ADS8517 Datasheet PDF - Texas Instruments
Part # ADS8517
Download  ADS8517 Download
File Size   932.63 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface

ADS8517 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8517 Datasheet PDF - Texas Instruments

Part # ADS8517
Download  ADS8517 Click to download

File Size   932.63 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface

ADS8517 Datasheet (HTML) - Texas Instruments


ADS8517 Product details

1FEATURES
23· 200-kHz Minimum Sampling Rate
· 4-V, 5-V, and ±10-V Input Ranges with
High-Impedance Input
· ±1.5 LSB Max INL
· +1.5/–1 LSB Max/Min DNL, 16 Bits NMC
· ±2-mV Max BPZ, ±0.6 ppm/°C BPZ Drift
· ±2-mV Max UPZ, ±0.15 ppm/°C UPZ Drift
· 88.8-dB SINAD with 10-kHz Input
· SPI™-Compatible Serial Output With
Daisy-Chain (TAG), SPI Master/Slave Feature
· Full Parallel Interface
· Binary Twos Complement or Straight Binary
Output Code Formats
· Single 4.5-V to 5.5-V Analog Supply, 1.65-V to
5.5-V Interface Supply
· Uses Internal 2.5-V or External Reference
· No External Precision Resistors Required
· Low Power Dissipation (ADC+REF+BUF):
– 47 mW Typ, 60 mW Max at 200 kSPS
· 50-mW Max Power-Down Mode
· Pin-Compatible with 16-Bit ADS7807 and
ADS8507, and 12-Bit ADS7806 and ADS8506
· SO-28 and TSSOP-28 Packages

APPLICATIONS
· Portable Test Equipment
· USB Data Acquisition Module
· Medical Equipment
· Industrial Process Control
· Digital Signal Processing
· Instrumentation

DESCRIPTION
The ADS8517 is a complete low-power, single 5-V supply, 16-bit sampling analog-to-digital (A/D)
converter. It contains a complete, 16-bit,
capacitor-based, successive approximation register
(SAR) A/D converter with sample-and-hold, clock,
reference, and data interface. The converter can be
configured for a variety of input ranges including
±10 V, 4 V, and 5 V. For most input ranges, the input
voltage can swing to 25 V or –25 V without damage
to the device.
An SPI-compatible serial interface allows data to be
synchronized to an internal or external clock. A full
parallel interface using the selectable BYTE pin is also provided to allow the maximum system design
flexibility. The ADS8517 is specified at a 200-kHz
sampling rate over the industrial –40°C to +85°C
temperature range.




Similar Part No. - ADS8517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI1-ADS8517 Datasheet
1Mb / 42P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517IBDW TI-ADS8517IBDW Datasheet
800Kb / 34P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517IBDW TI1-ADS8517IBDW Datasheet
1Mb / 42P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517IBDWG4 TI1-ADS8517IBDWG4 Datasheet
1Mb / 42P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
More results


Similar Description - ADS8517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com