Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z40PW-R1 Datasheet (PDF) - Texas Instruments

BQ20Z40PW-R1 Datasheet PDF - Texas Instruments
Part # BQ20Z40PW-R1
Download  BQ20Z40PW-R1 Download
File Size   931.73 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK™ TECHNOLOGY FOR USE WITH THE bq29330

BQ20Z40PW-R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ20Z40PW-R1 Datasheet PDF - Texas Instruments

Part # BQ20Z40PW-R1
Download  BQ20Z40PW-R1 Click to download

File Size   931.73 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK™ TECHNOLOGY FOR USE WITH THE bq29330

BQ20Z40PW-R1 Datasheet (HTML) - Texas Instruments


BQ20Z40PW-R1 Product details

1FEATURES
2• Next Generation Patented Impedance Track™
Technology Accurately Measures Available
Charge in Li-Ion and Li-Polymer Batteries
– Better Than 1% Error Over the Lifetime of
the Battery
• Supports the Smart Battery Specification
SBS V1.1
• Flexible Configuration for 2-Series, 3-Series,
and 4-Series Cell Li-Ion and Li-Polymer
Batteries
• Powerful 8-Bit RISC CPU With Ultralow Power
Modes
• Full Array of Programmable Protection
Features
– Voltage, Current, and Temperature
• Complies with JEITA Guidelines
• Added Flexibility to Handle More Complex
Charging Profiles
• Lifetime Data Logging
• Supports SHA-1 Authentication
• Available in 20-Pin TSSOP (PW) and 32-Pin
QFN (RSM) Packages

APPLICATIONS
• Notebook PCs
• Medical and Test Equipment
• Portable Instrumentation

DESCRIPTION
The bq20z40-R1 SBS-compliant gas gauge and
protection IC, incorporating patented Impedance
Track™ technology, is designed for battery-pack or
in-system installation. The bq20z40-R1 measures and maintains an accurate record of available charge
in Li-Ion or Li-Polymer batteries using its integrated
high-performance analog peripherals. The
bq20z40-R1 monitors capacity change, battery
impedance, open-circuit voltage, and other critical
parameters of the battery pack, and reports the
information to the system host controller over a
serial-communication bus. It is designed to work with
the bq29330 analog front-end (AFE) protection IC to
maximize functionality and safety, while minimizing
external component count and cost in smart battery
circuits.
The Impedance Track™ technology continuously analyzes the battery impedance, resulting in superior
gas-gauging accuracy. This enables the remaining
capacity to be calculated with discharge rate,
temperature, and cell aging, which are all accounted
for during each stage of every cycle.




Similar Part No. - BQ20Z40PW-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z40PW-R1 TI-BQ20Z40PW-R1 Datasheet
249Kb / 16P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
More results


Similar Description - BQ20Z40PW-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90-V110 TI-BQ20Z90-V110 Datasheet
496Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40-R1 TI-BQ20Z40-R1 Datasheet
249Kb / 16P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z60-R1 TI-BQ20Z60-R1 Datasheet
293Kb / 15P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70-V110 TI1-BQ20Z70-V110 Datasheet
405Kb / 22P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI1-BQ20Z90_17 Datasheet
696Kb / 16P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com