Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4011UB Datasheet (PDF) - Texas Instruments

CD4011UB Datasheet PDF - Texas Instruments
Part # CD4011UB
Download  CD4011UB Download
File Size   978.0 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Quad 2-Input NAND Gate

CD4011UB Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4011UB Datasheet PDF - Texas Instruments

Part # CD4011UB
Download  CD4011UB Click to download

File Size   978.0 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Quad 2-Input NAND Gate

CD4011UB Datasheet (HTML) - Texas Instruments


CD4011UB Product details

Features:
Propagation delay time = 30 ns (typ). at
CL=50pF, Vpp=10V
Standardized symmetrical output
characteristics
= 100% tested for quiescent current at
20V
Maximum input current of 1 uA at 18 V
over full package temperature range;
100 nA at 18 V and 25°C
= 5.V, 10-V, and 15-V parametric ratings
= Meets all requirements of JEDEC Tentative |
Standard No. 138, “Standard Specifications
for Description of ‘B’ Series CMOS Devices” |




Similar Part No. - CD4011UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4011UB TI-CD4011UB Datasheet
200Kb / 4P
CMOS QUAD 2-INPUT NAND GATE
CD4011UB TI-CD4011UB Datasheet
922Kb / 15P
CMOS QUAD 2-INPUT NAND GATE
CD4011UB TI1-CD4011UB Datasheet
931Kb / 15P
CMOS Quad 2-input NAND Gate
CD4011UB-MIL TI1-CD4011UB-MIL Datasheet
931Kb / 15P
CMOS Quad 2-input NAND Gate
CD4011UBE TI-CD4011UBE Datasheet
922Kb / 15P
CMOS QUAD 2-INPUT NAND GATE
More results


Similar Description - CD4011UB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
135Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
logo
Texas Instruments
CD4011UB TI-CD4011UB Datasheet
200Kb / 4P
CMOS QUAD 2-INPUT NAND GATE
logo
Intersil Corporation
CD4011BT INTERSIL-CD4011BT Datasheet
29Kb / 3P
CMOS Quad 2-Input NAND Gate
July 1999
logo
ON Semiconductor
MC74LCX00DTR2G ONSEMI-MC74LCX00DTR2G Datasheet
156Kb / 7P
Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2012 ??Rev. 8
logo
Texas Instruments
CD4011UBE TI-CD4011UBE Datasheet
922Kb / 15P
CMOS QUAD 2-INPUT NAND GATE
CD4011UBM TI1-CD4011UBM Datasheet
913Kb / 15P
CMOS Quad 2-Input NAND Gate
CD4011UBF TI-CD4011UBF Datasheet
922Kb / 15P
CMOS Quad 2-Input NAND Gate
logo
ON Semiconductor
74LVC02A ONSEMI-74LVC02A Datasheet
95Kb / 8P
Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
74LVC32A ONSEMI-74LVC32A Datasheet
95Kb / 8P
Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
logo
Texas Instruments
CD4011UB TI1-CD4011UB_15 Datasheet
931Kb / 15P
CMOS Quad 2-input NAND Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com