Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4018B Datasheet (PDF) - Texas Instruments

CD4018B Datasheet PDF - Texas Instruments
Part # CD4018B
Download  CD4018B Download
File Size   966.77 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Presettable Divide-By-N Counter

CD4018B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4018B Datasheet PDF - Texas Instruments

Part # CD4018B
Download  CD4018B Click to download

File Size   966.77 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Presettable Divide-By-N Counter

CD4018B Datasheet (HTML) - Texas Instruments


CD4018B Product details

Features:
Medium speed operation. . . . . .10MHz (typ. at
Vpp - Vs = 10V
Fully static operation
= 100% tested for quiescent current at 20 V
= Standardized, symmetrical output characteristics
= 5-V, 10-V, and 15-V parametric ratings
Maximum input current of 1 uA at 18 V over full package-
temperature range; 100 nA at 18 V and 25°C
Noise margin (full package-temperature
rangel= 1VatVpp= 5V
2VatVpp=10V
25VatVpp=15V
Meets all requirements of JEDEC Tentative
Standard No. 138, “Standard Specifications
for Description of ‘B’ Series CMOS Devices"




Similar Part No. - CD4018B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4018B TI-CD4018B Datasheet
245Kb / 12P
CMOS PRESETTABLE DIVIDE-BY-N COUNTER
CD4018B-MIL TI1-CD4018B-MIL Datasheet
980Kb / 17P
CMOS Presettable Divide-by -N counter
CD4018BE TI-CD4018BE Datasheet
245Kb / 12P
CMOS PRESETTABLE DIVIDE-BY-N COUNTER
CD4018BE TI1-CD4018BE Datasheet
980Kb / 17P
CMOS Presettable Divide-by -N counter
CD4018BEE4 TI1-CD4018BEE4 Datasheet
980Kb / 17P
CMOS Presettable Divide-by -N counter
More results


Similar Description - CD4018B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14018B MOTOROLA-MC14018B Datasheet
211Kb / 6P
Presettable Divide-By-N Counter
logo
STMicroelectronics
HCC4018B STMICROELECTRONICS-HCC4018B Datasheet
273Kb / 12P
PRESETTABLE DIVIDE-BY-N COUNTER
Jun-1989
logo
Texas Instruments
CD4018B TI-CD4018B Datasheet
245Kb / 12P
CMOS PRESETTABLE DIVIDE-BY-N COUNTER
logo
Intersil Corporation
CD4018BMS INTERSIL-CD4018BMS Datasheet
85Kb / 9P
CMOS Presettable Divide-By- “N” Counter
November 1994
logo
Integrated Circuit Syst...
HEF4018B ICST-HEF4018B Datasheet
162Kb / 7P
Presettable divide-by-N counter
logo
STMicroelectronics
HCF4018B STMICROELECTRONICS-HCF4018B_01 Datasheet
443Kb / 11P
PRESETTABLE DIVIDE-BY-N COUNTER
Sep-2001
logo
Texas Instruments
CD4059A TI1-CD4059A Datasheet
588Kb / 16P
CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
CD4018B TI1-CD4018B_15 Datasheet
980Kb / 17P
CMOS Presettable Divide-by -N counter
CD4059A TI1-CD4059A_15 Datasheet
520Kb / 13P
CMOS Programmable Divide-by-N Counter
logo
ON Semiconductor
MC14018B ONSEMI-MC14018B_14 Datasheet
103Kb / 5P
Presettable Divide-By-N Counter
August, 2014 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com