Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4046BF Datasheet (PDF) - Texas Instruments

CD4046BF Datasheet PDF - Texas Instruments
Part # CD4046BF
Download  CD4046BF Download
File Size   962.73 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Micropower Phase-Locked Loop

CD4046BF Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4046BF Datasheet PDF - Texas Instruments

Part # CD4046BF
Download  CD4046BF Click to download

File Size   962.73 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Micropower Phase-Locked Loop

CD4046BF Datasheet (HTML) - Texas Instruments


CD4046BF Product details

Features:
Very low power consumption:
70 4W (typ.) at VCO f, = 10 kHz, Vpp = 5 V
= Operating frequency range up to 1.4 MHz (typ.)
atVpp=10V, RI =5kQ
Low frequency drift: 0.04%/°C (typ.) at Vpp = 10 V
Choice of two phase comparators:
Exclusive-OR network (1)
Edge-controlled memory network with phase-pulse
output for lock indication (11)
High VCO linearity: <1% (typ.) at Vpp = 10 V
VCO inhibit control for ON-OFF keying
and ultra-low standby power con-
sumption -
Source-follower output of VCO control
input (Demod. output)
Zener diode to assist supply regulation
Standardized, symmetrical output
characteristics
= 100% tested for quiescent current at 20 V
=5-V, 10-V, and 15-V parametric ratings
Meets ail requirements of JEDEC Tentative
Standard No. 138, “Standard Specifications
for Description of ‘B’ Series CMOS Devices"




Similar Part No. - CD4046BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4046BF TI-CD4046BF Datasheet
322Kb / 12P
CMOS MICROPOWER PHASE-LOCKED LOOP
CD4046BF TI1-CD4046BF Datasheet
927Kb / 16P
CMOS Micropower Phase-Lockedn Loop
CD4046BF TI1-CD4046BF Datasheet
941Kb / 16P
CMOS Micropower Phase-Locked Loop
CD4046BF3A TI-CD4046BF3A Datasheet
322Kb / 12P
CMOS MICROPOWER PHASE-LOCKED LOOP
CD4046BF3A TI1-CD4046BF3A Datasheet
927Kb / 16P
CMOS Micropower Phase-Lockedn Loop
More results


Similar Description - CD4046BF

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE980 NTE-NTE980 Datasheet
42Kb / 5P
Integrated Circuit CMOS, Micropower Phase-Locked Loop (PLL)
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Texas Instruments
CD4046B TI-CD4046B Datasheet
322Kb / 12P
CMOS MICROPOWER PHASE-LOCKED LOOP
logo
Fairchild Semiconductor
CD4046BC FAIRCHILD-CD4046BC Datasheet
185Kb / 14P
Micropower Phase-Locked Loop
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
CMOS Micropower Phase Locked Loop
December 1992
logo
National Semiconductor ...
CD4046BC NSC-CD4046BC Datasheet
310Kb / 14P
Micropower Phase-Locked Loop
logo
Micro Electronics
MMC4046 MICRO-ELECTRONICS-MMC4046 Datasheet
306Kb / 8P
MICROPOWER PHASE LOCKED LOOP
logo
STMicroelectronics
HCF4046B STMICROELECTRONICS-HCF4046B_01 Datasheet
705Kb / 12P
MICROPOWER PHASE-LOCKED LOOP
Sep-2001
logo
Texas Instruments
CD4046BEE4 TI1-CD4046BEE4 Datasheet
927Kb / 16P
CMOS Micropower Phase-Lockedn Loop
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
CMOS Micropower Phase-Locked Loop
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com