Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4068BF Datasheet (PDF) - Texas Instruments

CD4068BF Datasheet PDF - Texas Instruments
Part # CD4068BF
Download  CD4068BF Download
File Size   962.58 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS 8-Input NAND/AND Gate

CD4068BF Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4068BF Datasheet PDF - Texas Instruments

Part # CD4068BF
Download  CD4068BF Click to download

File Size   962.58 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS 8-Input NAND/AND Gate

CD4068BF Datasheet (HTML) - Texas Instruments


CD4068BF Product details

Features:
Medium-Speed Operation:
tPHL, tPLH = 75 ns (typ.) at Vpp = 10 V
= Buffered inputs and outputs
5.V, 10-V, and 15-V parametric ratings
Standardized symmetrical output characteristics
= 100% tested for quiescent current at 20 V.
Maximum input current of 1 uA at 18 V
over full package-temperature range;
100 nA at 18 V and 25°C
Noise margin {over full package-temperature
range): 1VatVpp=5V
2VatVpp=10V 25VatVpp=15V
Meets all requirements of JEDEC Tentative
Standard No. 13B, “Standard Specifications
for Description of ‘B’ Series CMOS Devices”




Similar Part No. - CD4068BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4068BF TI-CD4068BF Datasheet
182Kb / 10P
CMOS 8-INPUT NAND AND GATE
CD4068BF TI1-CD4068BF Datasheet
1Mb / 15P
CMOS 8-Input NAND/AND Gate
CD4068BF3A TI-CD4068BF3A Datasheet
182Kb / 10P
CMOS 8-INPUT NAND AND GATE
CD4068BF3A TI1-CD4068BF3A Datasheet
1Mb / 15P
CMOS 8-Input NAND/AND Gate
More results


Similar Description - CD4068BF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
8-Input NAND Gate
logo
STMicroelectronics
HCC4068B STMICROELECTRONICS-HCC4068B Datasheet
264Kb / 10P
8-INPUT NAND/AND GATE
Jun-1989
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
8 INPUT NAND GATE
Feb-1993
logo
Texas Instruments
CD4068B TI-CD4068B Datasheet
182Kb / 10P
CMOS 8-INPUT NAND AND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
8-Input NAND Gate
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
8 Input NAND Gate
logo
Intersil Corporation
CD4068BMS INTERSIL-CD4068BMS Datasheet
65Kb / 8P
CMOS 8 Input NAND/AND Gate
December 1992
logo
Motorola, Inc
MC74HC30 MOTOROLA-MC74HC30 Datasheet
146Kb / 5P
8-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
STMicroelectronics
HCF4068B STMICROELECTRONICS-HCF4068B_01 Datasheet
159Kb / 8P
8 INPUT NAND/AND GATE
Sep-2001
logo
Texas Instruments
CD4068B TI1-CD4068B_15 Datasheet
1Mb / 15P
CMOS 8-Input NAND/AND Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com