Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4518BF Datasheet (PDF) - Texas Instruments

CD4518BF Datasheet PDF - Texas Instruments
Part # CD4518BF
Download  CD4518BF Download
File Size   986.41 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Dual Up-Counters

CD4518BF Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4518BF Datasheet PDF - Texas Instruments

Part # CD4518BF
Download  CD4518BF Click to download

File Size   986.41 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Dual Up-Counters

CD4518BF Datasheet (HTML) - Texas Instruments


CD4518BF Product details

Features:
Medium-speed operation —
6-MHz typical clock frequency st 10 V,
= Positive- or negative-edge triggering
m Synchronous internal carry propagation
. 100% tested for quiescent current at 20 V
& Maximum input current of 1 uA at 18 V
‘over full package-temperature range;
100 nAat 18 V and 25°C
= Noise marginfover full package-temperature
range): 1VatVpp=5V
2VatVpp=10V
25VatVpp=15V
a 5-V, 10-V, and 15-V parametric ratings
Standardized, symmetrical output
aharacteristics
Meets all requirements of JEDEC Tentative
Standard No. 13B, “Standard Specifications
for Description of ‘B’ Series CMOS Devices”




Similar Part No. - CD4518BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4518BF TI-CD4518BF Datasheet
248Kb / 13P
CMOS DUAL UP-COUNTERS
CD4518BF TI-CD4518BF Datasheet
1Mb / 19P
CMOS Dual Up-Counters
CD4518BF TI1-CD4518BF Datasheet
1Mb / 18P
Cmos Dual Up-Counters
CD4518BF3A TI-CD4518BF3A Datasheet
248Kb / 13P
CMOS DUAL UP-COUNTERS
CD4518BF3A TI-CD4518BF3A Datasheet
1Mb / 19P
CMOS Dual Up-Counters
More results


Similar Description - CD4518BF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B Datasheet
174Kb / 8P
Dual Up Counters
March, 2000 ??Rev. 3
logo
Texas Instruments
CD4518B TI-CD4518B Datasheet
248Kb / 13P
CMOS DUAL UP-COUNTERS
logo
Intersil Corporation
CD4518BMS INTERSIL-CD4518BMS Datasheet
112Kb / 10P
CMOS Dual Up Counters
December 1992
logo
Motorola, Inc
MC14518-520B MOTOROLA-MC14518-520B Datasheet
203Kb / 7P
DUAL UP COUNTERS
logo
List of Unclassifed Man...
SCL4520B ETC1-SCL4520B Datasheet
198Kb / 3P
CMOS DUAL UP COUNTERS
logo
Micro Electronics
MMC4518 MICRO-ELECTRONICS-MMC4518 Datasheet
204Kb / 6P
DUAL UP-COUNTERS
logo
STMicroelectronics
HCC4518B STMICROELECTRONICS-HCC4518B Datasheet
315Kb / 14P
DUAL UP-COUNTERS
Jun-1989
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B_06 Datasheet
112Kb / 9P
Dual Up Counters
January, 2006 ??Rev. 5
logo
Texas Instruments
CD4520BPWG4 TI-CD4520BPWG4 Datasheet
1Mb / 19P
CMOS Dual Up-Counters
CD4518B TI1-CD4518B_16 Datasheet
1Mb / 18P
Cmos Dual Up-Counters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com