Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0820293 Datasheet (PDF) - PHOENIX CONTACT

0820293 Datasheet PDF - PHOENIX CONTACT
Part # 0820293
Download  0820293 Download
File Size   189.33 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-WMT (18X4) - Conductor marker

0820293 Datasheet (PDF)

Go To PDF Page Download Datasheet
0820293 Datasheet PDF - PHOENIX CONTACT

Part # 0820293
Download  0820293 Click to download

File Size   189.33 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-WMT (18X4) - Conductor marker

0820293 Datasheet (HTML) - PHOENIX CONTACT


0820293 Product details

Conductor marker, Sheet, white, unmarked, can be labeled with: BLUEMARK E.CARD,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER,
cable diameter range: 0.6 ... 22 mm, mounting type: insert, Number of individual labels: 24, text
field height: 4 mm, text field width: 18 mm




Similar Part No. - 0820293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0820222 PHOENIX-0820222 Datasheet
54Kb / 2P
Zack marker strip - ZB 16,3:UNPRINTED
0820222 PHOENIX-0820222 Datasheet
93Kb / 4P
RWO 8
0820222 PHOENIX-0820222 Datasheet
94Kb / 4P
RWO 8/S
0820222 PHOENIX-0820222 Datasheet
91Kb / 4P
RWO 10
0820222 PHOENIX-0820222 Datasheet
92Kb / 4P
RWO 10/S
More results


Similar Description - 0820293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
0818182 PHOENIX-0818182 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5)
09/11/2020
0818218 PHOENIX-0818218 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (23X4)
09/11/2020
0818768 PHOENIX-0818768 Datasheet
58Kb / 3P
Conductor marker - UC-WMC 3,1 (15X4) GN
09/11/2020
0818849 PHOENIX-0818849 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) BU
09/11/2020
0818865 PHOENIX-0818865 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) GN
09/11/2020
0819631 PHOENIX-0819631 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (30X4)
09/11/2020
0825373 PHOENIX-0825373 Datasheet
73Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) VT
09/11/2020
0827162 PHOENIX-0827162 Datasheet
65Kb / 4P
Conductor marker - UC-WMCO 2,9 (21X3,5)
09/11/2020
0818195 PHOENIX-0818195 Datasheet
50Kb / 2P
Conductor marker - UC-WMC 4,4 (23X 5,5)
30.05.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com