Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40109B Datasheet (PDF) - Texas Instruments

CD40109B Datasheet PDF - Texas Instruments
Part # CD40109B
Download  CD40109B Download
File Size   885.65 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Quad Low-to-High Voltage Level Shifter

CD40109B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40109B Datasheet PDF - Texas Instruments

Part # CD40109B
Download  CD40109B Click to download

File Size   885.65 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Quad Low-to-High Voltage Level Shifter

CD40109B Datasheet (HTML) - Texas Instruments


CD40109B Product details

Features:
Independence of power supply sequence
considerations—V cc can exceed Vp, input
signals can exceed both Ve and Vpp
Up and down level-shifting capability
Three-state outputs with seperate enable controls
Standardized, symmetrical output characteristics
100% tested for quiescent current at 20 V
Maximum input current of 1 uA at 18 V
over full package-temperature range;
100 nA at 18 V and 26°C
Noise margin (full package-temperature
range)
=1VatVec=5V,Vpp=10V
=2VatVec=10V,Vpp=16V
5.V, 10-V, and 15-V parametric ratings
Meets all requirements of JEDEC Tentative
Standard No. 138, “Standard Specifications
for Description of ‘B’ Series CMOS Devices”




Similar Part No. - CD40109B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40109B TI-CD40109B Datasheet
255Kb / 10P
CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
CD40109B TI1-CD40109B Datasheet
1Mb / 14P
CMOS Quad Low-to-High Voltage Lever Shifter
CD40109B-MIL TI1-CD40109B-MIL Datasheet
1Mb / 14P
CMOS Quad Low-to-High Voltage Lever Shifter
CD40109B-Q1 TI1-CD40109B-Q1 Datasheet
3Mb / 14P
CMOS QUAD LOW-TO-HIGH VOLTAGE SHIFTER
CD40109BE TI-CD40109BE Datasheet
255Kb / 10P
CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
More results


Similar Description - CD40109B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40109B STMICROELECTRONICS-HCC40109B Datasheet
292Kb / 12P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
Jun-1989
logo
Texas Instruments
CD40109B TI-CD40109B Datasheet
255Kb / 10P
CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
logo
Intersil Corporation
CD40109BMS INTERSIL-CD40109BMS Datasheet
76Kb / 9P
CMOS Quad Low-to-High Voltage Level Shifter
December 1992
logo
STMicroelectronics
HCF40109B STMICROELECTRONICS-HCF40109B Datasheet
266Kb / 9P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
Sep-2002
HCF40109B STMICROELECTRONICS-HCF40109B_03 Datasheet
300Kb / 10P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
May-2003
logo
Texas Instruments
CD40109B-Q1 TI1-CD40109B-Q1 Datasheet
3Mb / 14P
CMOS QUAD LOW-TO-HIGH VOLTAGE SHIFTER
CD40109BPWRE4 TI-CD40109BPWRE4 Datasheet
1Mb / 14P
CMOS Quad Low-to-high Voltage Level Shifter
CD40109B TI1-CD40109B_15 Datasheet
1Mb / 14P
CMOS Quad Low-to-High Voltage Lever Shifter
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
CD4504B-EP TI1-CD4504B-EP_16 Datasheet
1,017Kb / 15P
CMOS HEX VOLTAGE-LEVEL SHIFTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com