Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40175B Datasheet (PDF) - Texas Instruments

CD40175B Datasheet PDF - Texas Instruments
Part # CD40175B
Download  CD40175B Download
File Size   925.5 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Quad D - Type Flip-Flop

CD40175B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40175B Datasheet PDF - Texas Instruments

Part # CD40175B
Download  CD40175B Click to download

File Size   925.5 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Quad D - Type Flip-Flop

CD40175B Datasheet (HTML) - Texas Instruments


CD40175B Product details

Features:
100% tested for quiescent current
at20v
Maximum input current of 1 uA at
18 V over full package-
temperature range; 100.nA at 18V
and 25°C |
Noise margin (full package-
temperature range) =
1VatVoo=5V
2VatVop=10V
25VatVoo=15V
5-V, 10-V, and 15-V parametric
ratings
Meets all requirements of JEDEC
Tentative Standard No. 138,
“Standard Specifications for
Description of ‘B’ Series CMOS
Devices"
Qutput compatible with two HTL
loads, two low power TTL loads,
or one low power Schottky TTL
load La
Functionalequivalentto TTL 74175
Standardized symmetrical output
characteristics




Similar Part No. - CD40175B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40175B TI-CD40175B Datasheet
544Kb / 14P
CMOS QUAD D-TYPE FLIP-FLOP
CD40175B TI1-CD40175B Datasheet
940Kb / 18P
CMOS Quad D-type Flip-Flop
CD40175B-MIL TI1-CD40175B-MIL Datasheet
940Kb / 18P
CMOS Quad D-type Flip-Flop
logo
National Semiconductor ...
CD40175BC NSC-CD40175BC Datasheet
135Kb / 6P
Hex,Quad D Flip-Flop
CD40175BC NSC-CD40175BC Datasheet
135Kb / 6P
Hex D Flip-Flop
More results


Similar Description - CD40175B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40175B TI-CD40175B Datasheet
544Kb / 14P
CMOS QUAD D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
Quad D-Type Flip-Flop
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
Quad D-Type Flip-Flop
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
Quad D-Type Flip-Flop
logo
Intersil Corporation
CD40175BMS INTERSIL-CD40175BMS Datasheet
61Kb / 8P
CMOS Quad ‘D’ Type Flip-Flop
December 1992
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
Quad D-Type Flip-Flop
logo
Texas Instruments
CD40175B TI1-CD40175B_15 Datasheet
940Kb / 18P
CMOS Quad D-type Flip-Flop
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B_14 Datasheet
128Kb / 6P
Quad Type D Flip-Flop
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
Quad D-type flip-flop
Rev. 10 - 29 November 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com