Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02 Datasheet (PDF) - Texas Instruments

CDC3RL02 Datasheet PDF - Texas Instruments
Part # CDC3RL02
Download  CDC3RL02 Download
File Size   828.32 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer

CDC3RL02 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDC3RL02 Datasheet PDF - Texas Instruments

Part # CDC3RL02
Download  CDC3RL02 Click to download

File Size   828.32 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer

CDC3RL02 Datasheet (HTML) - Texas Instruments


CDC3RL02 Product details

1 Features
• Low Additive Noise:
– –149dBc/Hz at 10kHz Offset Phase Noise
– 0.37ps (RMS) Output Jitter
• Limited Output Slew Rate for EMI Reduction
(1ns to 5ns Rise/Fall Time for 10pF to 50pF Loads)
• Adaptive Output Stage Controls Reflection
• Regulated 1.8V Externally Available I/O Supply
• Ultra-Small 8-bump YFP 0.4mm Pitch WCSP
(0.8mm × 1.6mm)
• ESD Performance Exceeds JESD 22
– 2000V Human-Body Model (A114-A)
– 1000V Charged-Device Model
(JESD22-C101-A Level III)

2 Applications
• Cellular Phones
• Global Positioning Systems (GPS)
• Wireless LAN
• FM Radio
• WiMAX
• W-BT

3 Description
The CDC3RL02 is a two-channel clock fan-out buffer
and is designed for use in portable end-equipment,
such as mobile phones, that require clock buffering
with minimal additive phase noise and fan-out
capabilities. The device buffers a single clock source,
such as a temperature compensated crystal oscillator
(TCXO) to multiple peripherals. The device has two
clock request inputs (CLK_REQ1 and CLK_REQ2),
each input can enable a single clock output.
The CDC3RL02 accepts square or sine waves at the
master clock input (MCLK_IN), eliminating the need
for an AC coupling capacitor. The smallest acceptable
sine wave is a 0.3V signal (peak-to-peak). CDC3RL02
is designed to offer minimal channel-to-channel skew,
additive output jitter, and additive phase noise. The
adaptive clock output buffers offer controlled slewrate
over a wide capacitive loading range which
minimizes EMI emissions, maintains signal integrity,
and minimizes ringing caused by signal reflections on
the clock distribution lines.
The CDC3RL02 has an integrated Low-Drop-Out
(LDO) voltage regulator which accepts input voltages
from 2.3V to 5.5V and outputs 1.8V, 50mA. This 1.8V
supply is externally available to provide regulated
power to peripheral devices such as a TCXO.
The CDC3RL02 is offered in a 0.4mm pitch die
size ball grid array (DSBGA) package (0.8mm
× 1.6mm), also known as wafer-level chip-scale
(WCSP) package, and is optimized for very low
standby current consumption.




Similar Part No. - CDC3RL02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC3RL02 TI-CDC3RL02 Datasheet
750Kb / 15P
LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
CDC3RL02BYFPR TI1-CDC3RL02BYFPR Datasheet
820Kb / 20P
Low Phase-Noise Two-Channel Clock Fan-Out Buffer
CDC3RL02YFPR TI1-CDC3RL02YFPR Datasheet
750Kb / 15P
LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
CDC3RL02YFPR TI1-CDC3RL02YFPR Datasheet
820Kb / 20P
Low Phase-Noise Two-Channel Clock Fan-Out Buffer
CDC3RL02 TI1-CDC3RL02_16 Datasheet
820Kb / 20P
Low Phase-Noise Two-Channel Clock Fan-Out Buffer
More results


Similar Description - CDC3RL02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK9446 PHILIPS-PCK9446 Datasheet
94Kb / 17P
2.5 V and 3.3 V LVCMOS clock fan-out buffer
Rev. 01-10 April 2006
logo
Melexis Microelectronic...
US651 MELEXIS-US651 Datasheet
322Kb / 12P
Two-Coil Low Noise Fan Driver
logo
Lattice Semiconductor
ISPCLOCK5500 LATTICE-ISPCLOCK5500 Datasheet
551Kb / 48P
In-System Programmable Clock Generator with Universal Fan-Out Buffer
logo
PulseCore Semiconductor
PCS2P5T915A PULSECORE-PCS2P5T915A Datasheet
799Kb / 23P
Low Voltage (2.5V) High Accuracy 1:5 Clock Fan-Out Buffer
logo
Texas Instruments
CDCM9102 TI-CDCM9102 Datasheet
767Kb / 22P
Low-Noise Two-Channel 100-MHz Clock Generator
CDCM9102_1209 TI1-CDCM9102_1209 Datasheet
620Kb / 20P
Low-Noise Two-Channel 100-MHz Clock Generator
CDC3RL02 TI-CDC3RL02 Datasheet
750Kb / 15P
LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
CDC3RL02YFPR TI1-CDC3RL02YFPR Datasheet
750Kb / 15P
LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
logo
ON Semiconductor
NB3RL02 ONSEMI-NB3RL02 Datasheet
99Kb / 8P
Low Phase-Noise Two-Channel Clock Fanout Buffer
September, 2015 ??Rev. 3
logo
Texas Instruments
CDC3RL02 TI1-CDC3RL02_16 Datasheet
820Kb / 20P
Low Phase-Noise Two-Channel Clock Fan-Out Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com