Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD1208 Datasheet (PDF) - Texas Instruments

CDCLVD1208 Datasheet PDF - Texas Instruments
Part # CDCLVD1208
Download  CDCLVD1208 Download
File Size   807.96 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCLVD1208 2:8 Low Additive Jitter LVDS Buffer

CDCLVD1208 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCLVD1208 Datasheet PDF - Texas Instruments

Part # CDCLVD1208
Download  CDCLVD1208 Click to download

File Size   807.96 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCLVD1208 2:8 Low Additive Jitter LVDS Buffer

CDCLVD1208 Datasheet (HTML) - Texas Instruments


CDCLVD1208 Product details

1 Features
• 2:8 Differential Buffer
• Low Additive Jitter: < 300-fs RMS in 10-kHz to
20-MHz
• Low Output Skew of 45 ps (Maximum)
• Universal Inputs Accept LVDS, LVPECL, and
LVCMOS
• Selectable Clock Inputs Through Control Pin
• 8 LVDS Outputs, ANSI EIA/TIA-644A Standard
Compatible
• Clock Frequency: Up to 800 MHz
• Device Power Supply: 2.375 V to 2.625 V
• LVDS Reference Voltage, VAC_REF, Available for
Capacitive Coupled Inputs
• Industrial Temperature Range: –40°C to 85°C
• Packaged in 5-mm × 5-mm, 28-Pin VQFN (RHD)
• ESD Protection Exceeds 3-kV HBM, 1-kV CDM

2 Applications
• Telecommunications and Networking
• Medical Imaging
• Test and Measurement Equipment
• Wireless Communications
• General-Purpose Clocking

3 Description
The CDCLVD1208 clock buffer distributes one of two
selectable clock inputs (IN0 and IN1) to 8 pairs of
differential LVDS clock outputs (OUT0 through OUT7)
with minimum skew for clock distribution. The
CDCLVD1208 can accept two clock sources into an
input multiplexer. The inputs can either be LVDS,
LVPECL, or LVCMOS.
The CDCLVD1208 is specifically designed for driving
50-Ω transmission lines. In case of driving the inputs
in single-ended mode, the appropriate bias voltage,
VAC_REF, must be applied to the unused negative
input pin.
The IN_SEL pin selects the input which is routed to
the outputs. If this pin is left open, it disables the
outputs (static). The part supports a fail-safe function.
The device incorporates an input hysteresis which
prevents random oscillation of the outputs in the
absence of an input signal.
The device operates in 2.5-V supply environment and
is characterized from –40°C to 85°C (ambient
temperature). The CDCLVD1208 is packaged in
small, 28-pin, 5-mm × 5-mm VQFN package.




Similar Part No. - CDCLVD1208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
CDCLVD1208 TI2-CDCLVD1208 Datasheet
845Kb / 26P
CDCLVD1208 2:8 Low Additive Jitter LVDS Buffer
REVISED OCTOBER 2016
CDCLVD1208RHDR TI1-CDCLVD1208RHDR Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
CDCLVD1208RHDR TI2-CDCLVD1208RHDR Datasheet
845Kb / 26P
CDCLVD1208 2:8 Low Additive Jitter LVDS Buffer
REVISED OCTOBER 2016
CDCLVD1208RHDR.A TI2-CDCLVD1208RHDR.A Datasheet
845Kb / 26P
CDCLVD1208 2:8 Low Additive Jitter LVDS Buffer
REVISED OCTOBER 2016
More results


Similar Description - CDCLVD1208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
2:12 Low Additive Jitter LVDS Buffer
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
2:16 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
Dual 1:8 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com