Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD1213 Datasheet (PDF) - Texas Instruments

CDCLVD1213 Datasheet PDF - Texas Instruments
Part # CDCLVD1213
Download  CDCLVD1213 Download
File Size   843.05 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCLVD1213 1:4 Low Additive Jitter LVDS Buffer With Divider

CDCLVD1213 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCLVD1213 Datasheet PDF - Texas Instruments

Part # CDCLVD1213
Download  CDCLVD1213 Click to download

File Size   843.05 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCLVD1213 1:4 Low Additive Jitter LVDS Buffer With Divider

CDCLVD1213 Datasheet (HTML) - Texas Instruments


CDCLVD1213 Product details

1 Features
1• 1:4 Differential Buffer
• Low Additive Jitter: < 300-fs RMS in 10-kHz to 20-
MHz
• Low Output Skew of 20 ps (Maximum)
• Selectable Divider Ratio 1, /2, /4
• Universal Input Accepts LVDS, LVPECL, and
CML
• 4 LVDS Outputs, ANSI EIA/TIA-644A Standard
Compatible
• Clock Frequency: Up to 800 MHz
• Device Power Supply: 2.375 V to 2.625 V
• Industrial Temperature Range: –40°C to 85°C
• Packaged in 3 mm × 3 mm, 16-Pin VQFN (RGT)
• ESD Protection Exceeds 3-kV HBM, 1-kV CDM

2 Applications
• Telecommunications and Networking
• Medical Imaging
• Test and Measurement Equipment
• Wireless Communications
• General-Purpose Clocking

3 Description
The CDCLVD1213 clock buffer distributes an input
clock to 4 pairs of differential LVDS clock outputs with
low additive jitter for clock distribution. The input can
either be LVDS, LVPECL, or CML.
The CDCLVD1213 contains a high performance
divider for one output (QD) which can divide the input
clock signal by a factor of 1, 2, or 4.
The CDCLVD1213 is specifically designed for driving
50-Ω transmission lines. The part supports a fail-safe
function. The device incorporates an input hysteresis
which prevents random oscillation of the outputs in
the absence of an input signal.
The device operates in 2.5-V supply environment and
is characterized from –40°C to 85°C (ambient
temperature). The CDCLVD1213 is packaged in
small, 16-pin, 3-mm × 3-mm VQFN package.




Similar Part No. - CDCLVD1213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1213 TI1-CDCLVD1213 Datasheet
717Kb / 17P
1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD1213 TI2-CDCLVD1213 Datasheet
847Kb / 25P
CDCLVD1213 1:4 Low Additive Jitter LVDS Buffer With Divider
REVISED OCTOBER 2016
CDCLVD1213RGTR TI1-CDCLVD1213RGTR Datasheet
717Kb / 17P
1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD1213RGTR TI2-CDCLVD1213RGTR Datasheet
847Kb / 25P
CDCLVD1213 1:4 Low Additive Jitter LVDS Buffer With Divider
REVISED OCTOBER 2016
CDCLVD1213RGTR.A TI2-CDCLVD1213RGTR.A Datasheet
847Kb / 25P
CDCLVD1213 1:4 Low Additive Jitter LVDS Buffer With Divider
REVISED OCTOBER 2016
More results


Similar Description - CDCLVD1213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1213 TI1-CDCLVD1213 Datasheet
717Kb / 17P
1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
Dual 1:4 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
Dual 1:8 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com