Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD2106 Datasheet (PDF) - Texas Instruments

CDCLVD2106 Datasheet PDF - Texas Instruments
Part # CDCLVD2106
Download  CDCLVD2106 Download
File Size   809.46 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 1:6 Low Additive Jitter LVDS Buffer

CDCLVD2106 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCLVD2106 Datasheet PDF - Texas Instruments

Part # CDCLVD2106
Download  CDCLVD2106 Click to download

File Size   809.46 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 1:6 Low Additive Jitter LVDS Buffer

CDCLVD2106 Datasheet (HTML) - Texas Instruments


CDCLVD2106 Product details

1FEATURES
• Dual 1:6 Differential Buffer
• Low Additive Jitter: <300 fs rms
in 10 kHz – 20 MHz
• Low Within Bank Output Skew of 45 ps (Max)
• Universal Inputs Accept LVDS, LVPECL,
LVCMOS
• One Input Dedicated for Six Outputs
• Total of 12 LVDS Outputs, ANSI EIA/TIA-644A
Standard Compatible
• Clock Frequency up to 800 MHz
• 2.375–2.625 V Device Power Supply
• LVDS Reference Voltage, VAC_REF, Available for
Capacitive Coupled Inputs
• Industrial Temperature Range –40°C to 85°C
• Packaged in 6 mm x 6 mm 40-pin QFN (RHA)
• ESD Protection Exceeds 3-kV HBM, 1-kV CDM

APPLICATIONS
• Telecommunications/Networking
• Medical Imaging
• Test and Measurement Equipment
• Wireless Communications
• General Purpose Clocking

DESCRIPTION
The CDCLVD2106 clock buffer distributes two clock
inputs (IN0, IN1) to a total of 12 pairs of differential
LVDS clock outputs (OUT0, OUT11). Each buffer
block consists of one input and 6 LVDS outputs. The
inputs can either be LVDS, LVPECL, or LVCMOS.
The CDCLVD2106 is specifically designed for driving
50-Ω transmission lines. In case of driving the inputs
in single ended mode, the appropriate bias voltage
(VAC_REF) should be applied to the unused negative
input pin.
Using the control pin (EN), outputs can be either
disabled or enabled. If the EN pin is left open two
buffers with all outputs are enabled, if switched to a
logical "0" both buffers with all outputs are disabled
(static logical "0"), if switched to a logical "1", one
buffer with six outputs is disabled and another buffer
with six outputs is enabled. The part supports a fail
safe function. It incorporates an input hysteresis,
which prevents random oscillation of the outputs in
absence of an input signal.
The device operates in 2.5V supply environment and
is characterized from –40°C to 85°C (ambient
temperature). The CDCLVD2106 is packaged in
small 40-pin, 6-mm × 6-mm QFN package.




Similar Part No. - CDCLVD2106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD2106 TI1-CDCLVD2106 Datasheet
706Kb / 21P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106 Datasheet
919Kb / 22P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI2-CDCLVD2106 Datasheet
809Kb / 20P
Dual 1:6 Low Additive Jitter LVDS Buffer
REVISED JANUARY 2011
CDCLVD2106RHAR TI1-CDCLVD2106RHAR Datasheet
706Kb / 21P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2106RHAR TI2-CDCLVD2106RHAR Datasheet
809Kb / 20P
Dual 1:6 Low Additive Jitter LVDS Buffer
REVISED JANUARY 2011
More results


Similar Description - CDCLVD2106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1213 TI1-CDCLVD1213 Datasheet
717Kb / 17P
1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
Dual 1:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106 Datasheet
706Kb / 21P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
Dual 1:8 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
Dual 1:6 Low Additive Jitter LVDS Buffer
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com