Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40160B Datasheet (PDF) - Texas Instruments

CD40160B Datasheet PDF - Texas Instruments
Part # CD40160B
Download  CD40160B Download
File Size   979.08 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Synchronous Programmable 4-Bit Counters

CD40160B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40160B Datasheet PDF - Texas Instruments

Part # CD40160B
Download  CD40160B Click to download

File Size   979.08 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Synchronous Programmable 4-Bit Counters

CD40160B Datasheet (HTML) - Texas Instruments


CD40160B Product details

Features:
Internal look-ahead for fast counting
Carry output for cascading
Synchronously programmable
Clear asynchronous input
{CD40160B, CD40161B)
Clear synchronous input
(CD40162B, CD40163B)
Synchronous load control input
Bm Low-power TTL compatibility
m Standardized, symmetrical output
characteristics
= 100% tested for quiescent current at 20 V
Maximum input current of 1 uA at 18 V
over full package-temperature range;
100 nA at 18 V and 25°C
Noise margin {over full package-tempera-
ature range): 1VatVpp=5V
2VatVpp=10V 25VatVpp=15V
5-V, 10-V, and 15-V parametric ratings
Meets all requirements of JEDEC
Tentative Standard No. 13B, “Standard
Specifications for Description of ‘B’ Series
CMOS Devices”




Similar Part No. - CD40160B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD40160B NSC-CD40160B Datasheet
150Kb / 8P
Decade Counter with Asynchronous Clear
logo
Texas Instruments
CD40160B TI-CD40160B Datasheet
552Kb / 13P
CMOS Synchronous Programmable 4-Bit Counters
CD40160B TI1-CD40160B Datasheet
958Kb / 17P
CMOS Synchronous Programmable 4-Bit Counters
logo
National Semiconductor ...
CD40160BC NSC-CD40160BC Datasheet
150Kb / 8P
Decade Counter with Asynchronous Clear
CD40160BCJ NSC-CD40160BCJ Datasheet
150Kb / 8P
Decade Counter with Asynchronous Clear
More results


Similar Description - CD40160B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
Synchronous 4-Bit Counters
DM54161 NSC-DM54161 Datasheet
176Kb / 10P
Synchronous 4-Bit Counters
logo
STMicroelectronics
HCC40160B STMICROELECTRONICS-HCC40160B Datasheet
310Kb / 15P
SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
Sep-1988
logo
Texas Instruments
SN54160 TI-SN54160 Datasheet
756Kb / 23P
SYNCHRONOUS 4-BIT COUNTERS
logo
Intersil Corporation
CD40160BMS INTERSIL-CD40160BMS Datasheet
156Kb / 13P
CMOS Synchronous Programmable 4-Bit Counters
December 1992
logo
STMicroelectronics
HCC40160B-40161B STMICROELECTRONICS-HCC40160B-40161B Datasheet
320Kb / 15P
SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
Sep-1988
logo
Texas Instruments
CD40160B TI-CD40160B Datasheet
552Kb / 13P
CMOS Synchronous Programmable 4-Bit Counters
CD40160B TI1-CD40160B_15 Datasheet
958Kb / 17P
CMOS Synchronous Programmable 4-Bit Counters
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
Synchronous 4-Bit Counters
SN54160 TI1-SN54160_12 Datasheet
1Mb / 25P
SYNCHRONOUS 4-BIT COUNTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com