Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVP2102 Datasheet (PDF) - Texas Instruments

CDCLVP2102 Datasheet PDF - Texas Instruments
Part # CDCLVP2102
Download  CDCLVP2102 Download
File Size   810.13 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCLVP2102 Four-LVPECL Output, High-Performance Clock Buffer

CDCLVP2102 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCLVP2102 Datasheet PDF - Texas Instruments

Part # CDCLVP2102
Download  CDCLVP2102 Click to download

File Size   810.13 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCLVP2102 Four-LVPECL Output, High-Performance Clock Buffer

CDCLVP2102 Datasheet (HTML) - Texas Instruments


CDCLVP2102 Product details

1 Features
1• Dual 1:2 Differential Buffer
• Two Clock Inputs
• Universal Inputs Can Accept LVPECL, LVDS,
LVCMOS/LVTTL
• Four LVPECL Outputs
• Maximum Clock Frequency: 2 GHz
• Maximum Core Current Consumption: 48 mA
• Very Low Additive Jitter: <100 fs, RMS in 10-kHz
to 20-MHz Offset Range
• 2.375-V to 3.6-V Device Power Supply
• Maximum Propagation Delay: 450 ps
• Maximum Within Bank Output Skew: 10 ps
• LVPECL Reference Voltage, VAC_REF, Available
for Capacitive-Coupled Inputs
• Industrial Temperature Range: –40°C to +85°C
• Supports 105°C PCB Temperature (Measured
with a Thermal Pad)
• Available in 3-mm × 3-mm, 16-Pin VQFN (RGT)
Package
• ESD Protection Exceeds 2000 V (HBM)

2 Applications
• Wireless Communications
• Telecommunications/Networking
• Medical Imaging
• Test and Measurement Equipment

3 Description
The CDCLVP2102 is a highly versatile, low additive
jitter buffer that can generate four copies of LVPECL clock outputs from two LVPECL, LVDS, or LVCMOS
inputs for a variety of communication applications. It
has a maximum clock frequency up to 2 GHz. Each
buffer block consists of one input that feeds two
LVPECL outputs. The overall additive jitter performance is less than 0.1 ps, RMS from 10 kHz to
20 MHz, and overall output skew is as low as 10 ps,
making the device a perfect choice for use in
demanding applications.
The CDCLVP2102 clock buffer distributes two clock
inputs (IN0, IN1) to four pairs of differential LVPECL
clock outputs (OUT0, OUT3) with minimum skew for clock distribution. Each buffer block consists of one
input that feeds two LVPECL clock outputs. The
inputs can be LVPECL, LVDS, or LVCMOS/LVTTL.
The CDCLVP2102 is specifically designed for driving
50-Ω transmission lines. When driving the inputs in
single-ended mode, the LVPECL bias voltage
(VAC_REF) should be applied to the unused negative
input pin. However, for high-speed performance up to 2 GHz, differential mode is strongly recommended.
The CDCLVP2102 is characterized for operation from
–40°C to +85°C and is available in a 3-mm × 3-mm, VQFN-16 package.




Similar Part No. - CDCLVP2102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2102 TI1-CDCLVP2102 Datasheet
756Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI2-CDCLVP2102 Datasheet
850Kb / 31P
CDCLVP2102 Four-LVPECL Output, High-Performance Clock Buffer
REVISED JANUARY 2016
CDCLVP2102RGTR TI1-CDCLVP2102RGTR Datasheet
756Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102RGTR TI1-CDCLVP2102RGTR Datasheet
1Mb / 30P
Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102RGTR TI2-CDCLVP2102RGTR Datasheet
850Kb / 31P
CDCLVP2102 Four-LVPECL Output, High-Performance Clock Buffer
REVISED JANUARY 2016
More results


Similar Description - CDCLVP2102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102 Datasheet
756Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
16-LVPECL Output, High-Performance Clock Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com