Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD13383F4.B Datasheet (PDF) - Texas Instruments

CSD13383F4.B Datasheet PDF - Texas Instruments
Part # CSD13383F4.B
Download  CSD13383F4.B Download
File Size   935.46 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD13383F4 12 V N-Channel FemtoFET™ MOSFET

CSD13383F4.B Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD13383F4.B Datasheet PDF - Texas Instruments

Part # CSD13383F4.B
Download  CSD13383F4.B Click to download

File Size   935.46 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD13383F4 12 V N-Channel FemtoFET™ MOSFET

CSD13383F4.B Datasheet (HTML) - Texas Instruments


CSD13383F4.B Product details

1 Features
• Low on-resistance
• Ultra low Qg and Qgd
• Ultra-small footprint (0402 case size)
– 1.0 mm × 0.6 mm
• Low profile
– 0.36 mm height
• Integrated ESD protection diode
– Rated >2 kV HBM
– Rated >2 kV CDM
• Lead and halogen free
• RoHS compliant

2 Applications
• Optimized for load switch applications
• Optimized for general purpose Switching
Applications
• Single-cell battery applications
• Handheld and mobile applications

3 Description
This 37 mΩ, 12 V N-channel FemtoFET™ MOSFET
technology is designed and optimized to minimize the
footprint in many handheld and mobile applications.
This technology is capable of replacing standard
small signal MOSFETs while providing at least a 60%
reduction in footprint size.




Similar Part No. - CSD13383F4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13383F4 TI1-CSD13383F4 Datasheet
764Kb / 13P
N-Channel FemtoFET MOSFET
CSD13383F4T TI1-CSD13383F4T Datasheet
764Kb / 13P
N-Channel FemtoFET MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
CSD13383F4 12 V N-Channel FemtoFET MOSFET
More results


Similar Description - CSD13383F4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
572Kb / 9P
CSD13381F4, 12 V N-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
CSD13383F4 12 V N-Channel FemtoFET MOSFET
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
CSD23382F4 12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
12-V, P-Channel FemtoFET MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
12-V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com